Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1802 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR1802
Description  1.0A LOW DROPOUT LINEAR REGULATOR WITH OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1802 Datasheet(HTML) 4 Page - Unisonic Technologies

  LR1802 Datasheet HTML 1Page - Unisonic Technologies LR1802 Datasheet HTML 2Page - Unisonic Technologies LR1802 Datasheet HTML 3Page - Unisonic Technologies LR1802 Datasheet HTML 4Page - Unisonic Technologies LR1802 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LR1802
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R102-094.b
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADJ
Reference Voltage
VREF
VADJ= VO
0.784
0.8
0.816
V
Adjust Pin Current
IADJ
100
nA
EN
EN Pin Voltage High
VENH
1.6
V
EN Pin Voltage Low
VENL
0.4
V
EN Pin Down Resistor
REN
2.0
MΩ
SET1, SET2
SET1, SET2 Pin Voltage High
VSET1H,
VSET2H
VPP-0.5
V
SET1, SET2 Pin Voltage Low
VSET1L,
VSET2L
0.5
V
Over Temperature Protection
Over Temperature
TOT
150
°C
Over Temperature Hysteresis
TOTHY
30
°C
OUTPUT VOLTAGE SETTING OPTION
Internal VO setting table:
SET1
SET2
VOUT
0
0
0.9
0
F
1.05
0
1
1.2
F
0
1.5
F
F
ADJ mode
F
1
1.5
1
0
1.8
1
F
2.5
1
1
3.3
* 0: pin voltage low, 1: pin voltage high, F: pin floating
External VO setting:
VO={(R1+R2)/R2}*VADJ
* If ADJ pin is connected to gnd, VO follows internal VO setting
* ADJ pin has the priority than set1 pin and set2 pin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com