Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD3117L-28-AE3-I-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LD3117L-28-AE3-I-R
Description  500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD3117L-28-AE3-I-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LD3117L-28-AE3-I-R Datasheet HTML 1Page - Unisonic Technologies LD3117L-28-AE3-I-R Datasheet HTML 2Page - Unisonic Technologies LD3117L-28-AE3-I-R Datasheet HTML 3Page - Unisonic Technologies LD3117L-28-AE3-I-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LD3117
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R102-104.a
TYPICAL APPLICATION CIRCUIT
UTC
LD3117
VOUT
GND
VIN
CO
10μF
CI
1μF
VIN
VOUT
+
+
APPLICATION INFORMATION
A 10μF (or larger) capacitor is recommended between VOUT and GND for stability. The part may oscillate without
the capacitor. Any type of capacitor can be used, but not Aluminum electrolytics when operating below -25°C. The
capacitance may be increased without limit.
A 1μF capacitor (or larger) should be placed between VIN to GND.
LD3117 ADJUSTABLE
UTC
LD3117
+
+
VREF
R1
R2
10uF
1uF
VOUT
VIN
10uF
CR
CR:10uF to improve ripple rejection
VOUT=VREF(1+R2/R1)+IADJ*R2
IADJ
+
VIN
VOUT
ADJ
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein.
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com