Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR3865G-50-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR3865G-50-SH2-R
Description  2A LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3865G-50-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LR3865G-50-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR3865G-50-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR3865G-50-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR3865G-50-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR3865G-50-SH2-R Datasheet HTML 5Page - Unisonic Technologies LR3865G-50-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LR3865
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R102-099.c
PIN DESCRIPTION
PIN No.
SOP-8
A
B
HSOP-8
PIN NAME
DESCRIPTION
2
1
2
EN
Active-High Enable Input. A logic low at EN reduces
supply current to 0.5µA. In shutdown, the POK output is
low. Connect EN to VIN for normal operation.
3
2
3
VIN
Power Input Voltage. Supply voltage can range from
2.5V to 6V. Bypass with a 10µF capacitor to GND.
6
3
6
OUT
Output
5
4
5
SS
Soft start time setting. For adjustable soft start time
version, connect a capacitor from SS to gnd to set the
soft start time.
8
5, 6, 7, 8
8
GND
Ground
1
-
1
POK
Open-Drain Power-ok Output. POK Remains low while
the output voltage is below the POK threshold. Connect
a 100 kohm Pullup resistor from POK to OUT
SET
Voltage-setting Input. Connect SET to GND for preset
output. Connect an external resistive voltage-divider
from OUT to SET to set the output voltage between
0.6V and 4.5V. The SET regulation voltage is 600mV
7
-
7
ADJ
Voltage-adjust Input. Connect an external resistive
voltage-divider from OUT to ADJ to set the output
voltage between 0.6V and 4.5V. The ADJ regulation
voltage is 600mV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com