Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD3117G-35-AE3-I-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LD3117G-35-AE3-I-R
Description  500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD3117G-35-AE3-I-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LD3117G-35-AE3-I-R Datasheet HTML 1Page - Unisonic Technologies LD3117G-35-AE3-I-R Datasheet HTML 2Page - Unisonic Technologies LD3117G-35-AE3-I-R Datasheet HTML 3Page - Unisonic Technologies LD3117G-35-AE3-I-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LD3117
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R102-104.a
500mA LOW DROPOUT LINEAR
VOLTAGE REGULATORS
DESCRIPTION
The UTC LD3117 are 500mA fixed output voltage low dropout
linear regulators. Wide range of available output voltage fits most of
applications. Built-in output current-limiting most thermal-limiting
provide maximal protection against any fault conditions.
FEATURES
*Guaranteed 500mA output current
*Input voltage range up to 20V
*Extremely tight load regulation
*Fast transient response
*Current-limiting and Thermal-limiting
*Three-terminal adjustable or fixed 1.5V, 1.8V, 2.2V, 2.5V, 2.7V,
2.8V, 2.9V,3.0V, 3.3V, 3.5V, 3.6V, 3.7V, 4.7V, 5.0V
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
○
1
Pin Assignment
Packing
LD3117L-xx-AE3-○
1
-R
LD3117G-xx-AE3-○
1
-R
SOT-23
A: GOI
B: OGI
C: GIO
D: IGO
R: Tape Reel
Note: 1. Pin assignment: I: VIN (Positive Power Input) O: VOUT (Output) G: GND (Ground/Adjustable)
2. xx: Output Voltage, refer to Marking Information.


Similar Part No. - LD3117G-35-AE3-I-R

ManufacturerPart #DatasheetDescription
logo
Veris. All Rights Reser...
LD310 VERIS-LD310 Datasheet
955Kb / 2P
Leak Detection
LD310_LD1000_LDRA6 VERIS-LD310_LD1000_LDRA6 Datasheet
955Kb / 2P
Leak Detection
More results

Similar Description - LD3117G-35-AE3-I-R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2937 SIPEX-SPX2937 Datasheet
133Kb / 4P
500mA Low Dropout Voltage Regulators
logo
List of Unclassifed Man...
PJ5800 ETC-PJ5800 Datasheet
237Kb / 5P
500mA CMOS Low Dropout Voltage Regulators
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
logo
Unisonic Technologies
UR133 UTC-UR133_12 Datasheet
411Kb / 8P
300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
SG Micro Corp
SGM2028 SGMICRO-SGM2028 Datasheet
340Kb / 12P
500mA Ultra Low Dropout Low Power, RF Linear Regulators
logo
Global Mixed-mode Techn...
G9001 GMT-G9001 Datasheet
45Kb / 2P
500mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Shenzhen Huazhimei Semi...
HM6234 HMSEMI-HM6234 Datasheet
2Mb / 11P
500mA Low-Dropout Linear Voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com