Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLIN-12F2AX Datasheet(PDF) 21 Page - Bel Fuse Inc.

Part # SLIN-12F2AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-12F2AX Datasheet(HTML) 21 Page - Bel Fuse Inc.

Back Button SLIN-12F2AX Datasheet HTML 17Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 18Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 19Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 20Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 21Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 22Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 23Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 24Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 25Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302  Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
21
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
Jul. 17, 2015
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Mechanical Outline
PIN
FUNCTION
1
ON/OFF
2
VIN
3
NC
4
GND
5
TRIM
6
VOUT
7
VS+
8
GND
9
NC
10
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com