Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA201MUX Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA201MUX
Description  USB2.0 Full-Speed and Audio Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA201MUX Datasheet(HTML) 2 Page - ON Semiconductor

  FSA201MUX Datasheet HTML 1Page - ON Semiconductor FSA201MUX Datasheet HTML 2Page - ON Semiconductor FSA201MUX Datasheet HTML 3Page - ON Semiconductor FSA201MUX Datasheet HTML 4Page - ON Semiconductor FSA201MUX Datasheet HTML 5Page - ON Semiconductor FSA201MUX Datasheet HTML 6Page - ON Semiconductor FSA201MUX Datasheet HTML 7Page - ON Semiconductor FSA201MUX Datasheet HTML 8Page - ON Semiconductor FSA201MUX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
June 2012
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA201 Rev. 1.2.2
FSA201 — USB2.0 Full-Speed and Audio Switches
with Negative Signal Capability
Features
3Ω Typical ON Resistance
-3db Bandwidth: > 250MHz
Low Power Consumption
Packaged in Pb-free 10-pin MSOP and
10-Lead MicroPak™ (1.6 x 2.1mm)
Power-off Protection on Common D+/R, D-/L Ports
Automatically Detects V
BUS for Switch Path
Selection
Applications
Cell Phone, PDA, Digital Camera, and Notebook
LCD Monitor, TV, and Set-Top Box
Description
The FSA201 is a Double-Pole, Double Throw (DPDT)
multiplexer that combines a low-distortion audio and a
USB2.0 Full-Speed (FS) switch path. This configuration
enables audio and USB data to share a common
connector port. The architecture is designed to allow
audio signals to swing below ground. This means a common
USB and headphone jack can be used for personal media
players and similar portable peripheral devices.
Since USB2.0 is an industry standard for shared data-
path in portable devices, the FSA201 also incorporates
a VBUS detection capability. The FSA201 includes a
power-off feature to minimize current consumption when
VBUS is not present. This power-off circuitry is available
for
the
common
D+/R,
D-/L
ports
only.
Typical
applications
involve
switching
in
portables
and
consumer applications, such as cell phones, digital
cameras, and notebooks with hubs or controllers.
Ordering Information
Part Number
Package Number
Packing Description
FSA201L10X
MAC010A
10-Lead MicroPak, JEDEC MO-255, 1.6 x 2.1mm
FSA201MUX
MUA10A
10-Lead MSOP, JEDEC MO-187, 3.0mm Wide
Vbus
Vaudio
Switch Select
Control Circuitry
D+/R
D-/L
D+
R
D-
L
ASel
Rpd
GND
-
Figure 1.
FSA201 Analog Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com