Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA2147 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA2147
Description  Low-Voltage, DPST Analog Switch Negative Signal Capability and Built-in Termination
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2147 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA2147 Datasheet HTML 1Page - ON Semiconductor FSA2147 Datasheet HTML 2Page - ON Semiconductor FSA2147 Datasheet HTML 3Page - ON Semiconductor FSA2147 Datasheet HTML 4Page - ON Semiconductor FSA2147 Datasheet HTML 5Page - ON Semiconductor FSA2147 Datasheet HTML 6Page - ON Semiconductor FSA2147 Datasheet HTML 7Page - ON Semiconductor FSA2147 Datasheet HTML 8Page - ON Semiconductor FSA2147 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
July 2009
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2147 Rev. 1.0.1
FSA2147 — Low-Voltage, DPST Analog Switch with
Negative Signal Capability and Built-in Termination
to Eliminate Pop
Features
Built-In Termination on Unselected Audio Paths
Inhibits Audio Pop
6pF Typical Switch Off Capacitance
2.5
Ω Typical On Resistance
Negative-Swing-Capable
Power-Off Protection
Flow-Through Pin Out Eliminates PCB Vias
Applications
MP3 Player, Cell Phone, PDA, Digital Camera, and
Notebook Computers
Description
The FSA2147 is a Double-Pole, Single Throw (DPST)
switch. The audio path defaults to audio mute and is
enabled with /OE. The FSA2147 includes a power-off
feature on the common port when VCC=0V to guarantee
signal isolation.
IMPORTANT NOTE:
For
additional
information,
please
contact
analogswitch@fairchildsemi.com.
Ordering Information
Part
Number
Top
Mark
Operating
Temperature Range
Eco
Status
Package Description
Packing
Method
FSA2147K8X
2147
-40°C to +85°C
RoHS
8-Lead US8, JEDEC MO-187, Variation
CA, 3.0mm Wide Package
3000 Units
Tape and Reel
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
VCC
/OE
R
L
R
L
Control
Block
Rpu
R T
RT
Figure 1.
Analog Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com