Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP05LC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DLP05LC
Description  LOW CAPACITANCE UNIDIRECTIONAL TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLP05LC Datasheet(HTML) 2 Page - Diodes Incorporated

  DLP05LC Datasheet HTML 1Page - Diodes Incorporated DLP05LC Datasheet HTML 2Page - Diodes Incorporated DLP05LC Datasheet HTML 3Page - Diodes Incorporated DLP05LC Datasheet HTML 4Page - Diodes Incorporated DLP05LC Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DLP05LC
Document number: DS30283 Rev. 12 - 2
2 of 5
www.diodes.com
June 2014
© Diodes Incorporated
DLP05LC
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Pulse Power (tp = 8x20
μs)
Ppk
300
W
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
408
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ IT
Test
Current
Max. Reverse
Leakage @ VRWM
Max. Clamping
Voltage @ Ipp = 1A
(Note 8)
Max. Peak Pulse
Current (Note 7)
Typical Total
Capacitance
(Note 6)
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (μA)
VC (V)
(A)
(pF)
5
6.0
⎯
1.0
20
11.0
17
1.6
Notes:
5. Device mounted on FR-4 PCB, single sided with 2oz Cu traces and with pad dimensions 1” * 1”
6. VR = 0V, f = 1MHz.
7 . tp = 8x20µs.
8. Clamping voltage value is based on an 8x20µs peak pulse current (Ipp) waveform.
9. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
0
25
50
75
100
125
150
175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Pulse Derating Curve
A
°
t, TIME (µs)
Fig. 2 Pulse Waveform



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com