Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS60-14IO1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CS60-14IO1
Description  Thyristor Single Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS60-14IO1 Datasheet(HTML) 2 Page - IXYS Corporation

  CS60-14IO1 Datasheet HTML 1Page - IXYS Corporation CS60-14IO1 Datasheet HTML 2Page - IXYS Corporation CS60-14IO1 Datasheet HTML 3Page - IXYS Corporation CS60-14IO1 Datasheet HTML 4Page - IXYS Corporation CS60-14IO1 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CS60-14io1
V
=
V
kA²s
kA²s
kA²s
kA²s
Symbol
Definition
Ratings
typ.
max.
I
V
I
A
V
T
1,18
R
0,32
K/W
min.
60
V
V
200
T
= 25°C
VJ
T
=
°C
VJ
mA
10
V
=
V
T
= 25°C
VJ
I =
A
T
V
T =
°C
C
110
P
tot
360
W
T
= 25°C
C
60
1400
forward voltage drop
total power dissipation
Conditions
Unit
1,44
T
= 25°C
VJ
140
V
T0
V
0,82
T
=
°C
VJ
140
rT
5,3
mΩ
V
1,14
T
=
°C
VJ
I =
A
T
V
60
1,46
I =
A
120
I =
A
120
threshold voltage
slope resistance
for power loss calculation only
µA
125
V
V
1400
T
= 25°C
VJ
I
A
75
P
GM
W
t = 30 µs
10
max. gate power dissipation
P
T
=
°C
C
140
W
t =
5
P
PGAV
W
0,5
average gate power dissipation
CJ
74
junction capacitance
V =
V
400
T
= 25°C
f = 1 MHz
R
VJ
pF
I
TSM
t = 10 ms; (50 Hz), sine
T
= 45°C
VJ
max. forward surge current
T
=
°C
VJ
140
I²t
T
= 45°C
value for fusing
T
=
°C
140
V
= 0 V
R
V
= 0 V
R
V
= 0 V
V
= 0 V
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
VJ
R
VJ
R
thJC
thermal resistance junction to case
T
=
°C
VJ
140
1,40
1,51
7,08
6,87
kA
kA
kA
kA
1,19
1,29
9,80
9,49
1400
300 µs
RMS forward current
T(RMS)
TAV
180° sine
average forward current
(di/dt)cr
A/µs
150
repetitive, I =
T
VJ = 140 °C; f = 50 Hz
critical rate of rise of current
V
GT
gate trigger voltage
V = 6 V
T
=
°C
25
(dv/dt)
T
= 140°C
critical rate of rise of voltage
A/µs
500
V/µs
t =
µs;
I
A; V = ⅔ V
R
= ∞; method 1 (linear voltage rise)
VJ
D
VJ
180 A
T
P
G =
0,3
di /dt
A/µs;
G
= 0,3
DRM
cr
V = ⅔ V
DRM
GK
1000
1,5
V
T
=
°C
-40
VJ
IGT
gate trigger current
V = 6 V
T
=
°C
25
D
VJ
100
mA
T
=
°C
-40
VJ
1,6
V
200
mA
V
GD
gate non-trigger voltage
T
=
°C
VJ
0,2
V
I
GD
gate non-trigger current
10
mA
V = ⅔ V
D
DRM
140
latching current
T
=
°C
VJ
450
mA
IL
25
t
µs
p =
10
I
A;
G
= 0,45
di /dt
A/µs
G
= 0,45
holding current
T
=
°C
VJ
200
mA
I
H
25
V = 6 V
D
R
= ∞
GK
gate controlled delay time
T
=
°C
VJ
2
µs
t
gd
25
I
A;
G
= 0,45
di /dt
A/µs
G
= 0,45
V = ½ V
D
DRM
turn-off time
T
=
°C
VJ
150
µs
tq
di/dt =
A/µs
10
dv/dt =
V/µs
20
V =
R
100 V; I
A;
T =
60
V = ⅔ V
DRM
t
µs
p = 200
non-repet., I =
60 A
T
125
R
thCH
0,15
thermal resistance case to heatsink
K/W
Thyristor
1500
RRM/DRM
RSM/DSM
max. non-repetitive reverse/forward blocking voltage
max. repetitive reverse/forward blocking voltage
R/D
reverse current, drain current
T
T
R/D
R/D
200
IXYS reserves the right to change limits, conditions and dimensions.
20150827b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com