Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5138 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # 5138
Description  micro SD Card Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

5138 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  5138 Datasheet HTML 1Page - Kyocera Kinseki Corpotation 5138 Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
micro SD Card Connector
SERIES
5138
micro SD Card Connector
ORDERING CODE
04 5138 008 100 858 +
RoHS
RoHS Compliant Product
1000
/
PACKING QUANTITY 1000/Reel


Similar Part No. - 5138

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
5138 ADAFRUIT-5138 Datasheet
325Kb / 2P
Cool White LED Ring Light PCB - 70mm Diameter
3-15-23
logo
Hutchinson Paulstra
513801 PAULSTRA-513801 Datasheet
190Kb / 4P
RADIAFLEX
513801 PAULSTRA-513801 Datasheet
284Kb / 5P
STOPS
logo
Festo Corporation.
5138188 FESTO-5138188 Datasheet
91Kb / 1P
Compact air cylinder
1/6/22
5138189 FESTO-5138189 Datasheet
91Kb / 1P
Compact air cylinder
1/6/22
More results

Similar Description - 5138

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFSD1024NGBW1MT-T-ME ETC2-SFSD1024NGBW1MT-T-ME Datasheet
1Mb / 23P
Industrial MICRO SD Memory Card
S-12097 ETC-S-12097 Datasheet
859Kb / 18P
Micro-SD 3.0 Memory Card
logo
Adam Technologies, Inc.
MCSP-08-A-SG-HC ADAM-TECH-MCSP-08-A-SG-HC Datasheet
114Kb / 1P
MICRO SD SOCKET
MCSP-C-08-A-SG ADAM-TECH-MCSP-C-08-A-SG Datasheet
111Kb / 1P
MICRO SD SOCKET
MCSP-E-08-A-SG-10-TR ADAM-TECH-MCSP-E-08-A-SG-10-TR Datasheet
95Kb / 1P
MICRO SD SOCKET
MCSP-D-08-A-SG ADAM-TECH-MCSP-D-08-A-SG Datasheet
114Kb / 1P
MICRO SD SOCKET
logo
IOGEAR
GFR304SD IOGEAR-GFR304SD Datasheet
147Kb / 3P
SuperSpeed USB 3.0 SD/Micro SD Card Reader / Writer
logo
Wurth Elektronik GmbH &...
693071010811 WURTH-693071010811 Datasheet
507Kb / 8P
WR-CRD Micro SD Card Connector
001.002
693071020811 WURTH-693071020811 Datasheet
697Kb / 8P
WR-CRD Micro SD Card Connector
002.000
693071030811 WURTH-693071030811 Datasheet
583Kb / 8P
WR-CRD Micro SD Card Connector
001.005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com