Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD1366CP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CD1366CP
Description  VIDEO IF PROCESSOR FOR B/W TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CD1366CP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CD1366CP Datasheet HTML 1Page - List of Unclassifed Manufacturers CD1366CP Datasheet HTML 2Page - List of Unclassifed Manufacturers CD1366CP Datasheet HTML 3Page - List of Unclassifed Manufacturers CD1366CP Datasheet HTML 4Page - List of Unclassifed Manufacturers CD1366CP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silicore
CD1366CP
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
2/5
PIN DESCRIPTION
Pin
Description
Symbol Pin
Description
Symbol
1
Detector Coil
TUN
8
VIF Input
INIF
2
Keying Pulse Input
INIFAGC
9
VIF Input
INIF
3
Video Output
OUTVF
10
Capacitor
NF
4
AGC Time Const.
FILIFAGC
11
Capacitor
NF
5
RF AGC ADJ. VR.
ADJRFAGC 12
Supply Voltage (2)
REG
6
Tuner AGC Output
OUTRFAGC 13
Ground
GND
7
Supply Voltage (1)
Vcc
14
Detector Coil
TUN
ABSOLUTE MAXI MUM RATINGS (Ta=25°C)
Characteristics
Symbol
Value
Unit
Supply Voltage Pin 7
V7
15
V
Input Signal Voltage
V8 V9
3
Vpp
Power Dissipation
Pd
875(Ta=75°C) Free Air
mW
Operating Temperature
Topt
-20~75
°C
Storage Temperature
Tstg
-40~125
°C
ELECTRI CAL CH ARACTERISTICS
(Vcc=12V, Ta=25±3°C, f=58.75MHz, fM=15.75kHz)
Characteristic
Symbol
Test Condition
Min. Typ. Max. Unit
Total Supply Current
Icc
I7+I12, RA=150Ω
40
50
60
mA
Input Sensitivity
Vi(sens)
Mod=80%, Vo=1.4Vpp
30
35
dBµ
Maximum Input Voltage
Vi(max.)
MOD=80%, -1dB Point
100
dBµ
Video Output Voltage
Vo
Mod=80%, Vi=3mVrms
1.0
1.4
1.7
Vpp
Video Output DC Voltage
Vo
No Signal
3.3
3.8
4.3
V
Signal To Noise Ratio
S/N
MOD=80%~0% Vi=3mVrms 40
50
dB
RF AGC Voltage (High)
V6H
V5=0V
8
9
11
V
RF AGC Voltage (Low)
V6L
V5=7V
0
0.5
V
Differential Gain
D.G.
Stair Step fM=3.58MHz
10
%
Differential Phase
D.P.
Stair Step fM=3.58MHz
10
deg
Video Detector Band Width
BW
-3dB Point
5.5
MHz
Input Resistance
Rin
1.5
kΩ
Input Capacitance
Cin
3.3
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com