Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA266 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA266
Description  Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA266 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA266 Datasheet HTML 1Page - ON Semiconductor FSA266 Datasheet HTML 2Page - ON Semiconductor FSA266 Datasheet HTML 3Page - ON Semiconductor FSA266 Datasheet HTML 4Page - ON Semiconductor FSA266 Datasheet HTML 5Page - ON Semiconductor FSA266 Datasheet HTML 6Page - ON Semiconductor FSA266 Datasheet HTML 7Page - ON Semiconductor FSA266 Datasheet HTML 8Page - ON Semiconductor FSA266 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: The “Absolute Maximum Ratings” are those values beyond which the safety
of the device cannot be guaranteed. The device should not be operated at these lim-
its. The parametric values defined in the Electrical Characteristics tables are not
guaranteed at the absolute maximum ratings. The “Recommended Operating Condi-
tions” table will define the conditions for actual device operation.
Note 2: The input and output negative voltage ratings may be exceeded if the input
and output diode current ratings are observed.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Note 4: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the
voltages on the two (A or B) pins.
Note 5: Guaranteed by design.
Note 6: Flatness is defined as the difference between the minimum and maximum value of ON Resistance over the specified range of conditions.
Supply Voltage (VCC)
0.5V to 7.0V
DC Switch Voltage (VS)
0.5V to VCC  0.5V
DC Input Voltage (VIN) (Note 2)
0.5V to 7.0V
DC Input Diode Current
@ (IIK) VIN  0V
50 mA
DC Switch Output Current (IOUT)
r128 mA
DC VCC or Ground Current (ICC/IGND)
r100 mA
Storage Temperature Range (TSTG)
65qC to 150qC
Junction Lead Temperature
under Bias (TJ)
150qC
Junction Lead Temperature (TL)
(Soldering, 10 Seconds)
260qC
Power Dissipation (PD) @ 85qC
SC70-6
250 mW
Supply Voltage (VCC)
1.65V to 5.5V
Control Input Voltage (VIN)
0V to 5.5V
Switch Input Voltage (VIN)
0V to VCC
Switch Output Voltage (VOUT)
0V to VCC
Operating Temperature (TA)
40qC to 85qC
Input Rise and Fall Time (tr, tf)
Control Input VCC 1.65V2.7V
0 ns/V to 20 ns/V
Control Input VCC 3.0V3.6V
0 ns/V to 10 ns/V
Control Input VCC 4.5V5.5V
0 ns/V to 5 ns/V
Thermal Resistance (
TJA)
250
qC/W
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
VIH
HIGH Level Input Voltage
1.65 to 1.95
0.75 VCC
0.75 VCC
V
2.3 to 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level Input Voltage
1.65 to 1.95
0.25 VCC
0.25VCC
V
2.3 to 5.5
0.3 VCC
0.3 VCC
IIN
Input Leakage Current
0 to 5.5
r0.1
r1.0
PA0 d VIN d 5.5V
IOFF
Switch OFF Leakage Current
1.65 to 5.5
r0.1
r1.0
PA0 d A, B d VCC
RON
Switch On Resistance
4.5
6.0
10.0
10.0
:
VI 0V, IO 30 mA
(Note 4)
7.0
13.5
13.5
VI 2.4V, IO 30 mA
6.0
10.0
10.0
VI 4.5V, IO 30 mA
3.0
7.5
15.0
15.0
:
VI 0V, IO 24 mA
8.5
15.0
15.0
VI 3V, IO 24 mA
2.3
9.0
20.0
20.0
:
VI 0V, IO 8 mA
10.5
20.0
20.0
VI 2.3V, IO 8 mA
1.65
12.5
30.0
30.0
:
VI 0V, IO 4 mA
17.0
30.0
30.0
VI 1.65V, IO 4 mA
ICC
Quiescent Supply Current
5.5
1.0
10.0
PA
VIN VCC or GND
All Channels ON or OFF
IOUT 0
Analog Signal Range
VCC
0VCC
0VCC
V
RRange
On Resistance Over
4.5
8.0
15.0
15.0
:
IO 30 mA, 0 d VI d VCC
Signal Range
3.0
15.0
30.0
30.0
IO 24 mA, 0 d VI d VCC
(Note 4)(Note 5)
2.3
45.0
75.0
75.0
IO 8 mA, 0 d VI d VCC
1.65
150
275
275
IO 4 mA, 0 d VI d VCC
'RON
On Resistance Match
4.5
0.2
:
IO 30 mA, VI 3.15
Between Channels
3.0
0.2
IO 24 mA, VI 2.1
(Note 4)(Note 7)
2.3
0.5
IO 8 mA, VI 1.6
1.65
0.6
IO 4 mA, VI 1.15
Rflat
On Resistance Flatness
4.5
2.5
6.0
6.0
IO 30 mA, 0 d VI d VCC
(Note 4)(Note 5)(Note 6)
3.0
8.0
17.5
17.5
IO 24 mA, 0 d VI d VCC
2.3
33.0
60.0
60.0
IO 8 mA, 0 d VI d VCC
1.65
135
250
250
IO 4 mA, 0 d VI d VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com