Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF12N50FTH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF12N50FTH
Description  N-Channel MOSFET 500V, 11.5A, 0.75ohm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF12N50FTH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF12N50FTH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF12N50FTH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF12N50FTH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF12N50FTH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF12N50FTH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF12N50FTH Datasheet HTML 6Page - MagnaChip Semiconductor. MDF12N50FTH Datasheet HTML 7Page - MagnaChip Semiconductor. MDF12N50FTH Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Jun 2018. Version 1.1
MagnaChip Semiconductor Ltd.
1
`
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
MDP12N50
MDF12N50
Unit
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25
oC
ID
.11.5
11.5*
A
TC=100
oC
7.0
7.0*
A
Pulsed Drain Current
(1)
IDM
46
46*
A
Power Dissipation
TC=25
oC
PD
165
42
W
W/
oC
Derate above 25
oC
1.33
0.32
Repetitive Avalanche Energy
(1)
EAR
16.5
mJ
Peak Diode Recovery dv/dt
(3)
dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
460
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
* Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
MDP12N50
MDF12N50
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
62.5
oC/W
Thermal Resistance, Junction-to-Case
(1)
RθJC
0.75
3.0
MDP12N50F/MDF12N50F
N-Channel MOSFET 500V, 11.5A, 0.75Ω
General Description
These N-channel MOSFET are produced using advanced
MagnaCh
ip’s MOSFET Technology, which provides low on-
state resistance, high switching performance and excellent
quality.
These devices are suitable device for SMPS, high Speed
switching and general purpose applications.
Features
VDS = 500V
ID = 11.5A
@ VGS = 10V
RDS(ON) ≤
0.75
Ω
@ VGS = 10V
Applications
Power Supply
PFC
High Current, High Speed Switching
D
G
S
TO-220F
MDF Series
TO-220
MDP Series


Similar Part No. - MDF12N50FTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF12N50 MGCHIP-MDF12N50 Datasheet
779Kb / 8P
N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
MDF12N50B MGCHIP-MDF12N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 11.5A, 0.65(ohm)
MDF12N50BTH MGCHIP-MDF12N50BTH Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 11.5A, 0.65(ohm)
logo
Inchange Semiconductor ...
MDF12N50BTH ISC-MDF12N50BTH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MDF12N50TH MGCHIP-MDF12N50TH Datasheet
779Kb / 8P
N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
More results

Similar Description - MDF12N50FTH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF840 STMICROELECTRONICS-IRF840 Datasheet
93Kb / 8P
N - CHANNEL 500V - 0.75ohm - 8A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Fairchild Semiconductor
FDB12N50TM FAIRCHILD-FDB12N50TM Datasheet
366Kb / 9P
N-Channel MOSFET 500V, 11.5A, 0.65廓
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
N-Channel MOSFET 500V, 11.5A, 0.65廓
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
N-Channel MOSFET 500V, 11.5A, 0.7廓
FDB12N50F FAIRCHILD-FDB12N50F Datasheet
597Kb / 8P
N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
FDB12N50F FAIRCHILD-FDB12N50F_12 Datasheet
377Kb / 8P
N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
FDP12N50 FAIRCHILD-FDP12N50_12 Datasheet
538Kb / 10P
N-Channel MOSFET 500V, 11.5A, 0.65廓
logo
Alpha & Omega Semicondu...
AOD468 AOSMD-AOD468 Datasheet
312Kb / 6P
300V,11.5A N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDP12N50B MGCHIP-MDP12N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 11.5A, 0.65(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com