Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS16658 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS16658
Description  IESNA Type II (medium) beam with added house side backlight
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS16658 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS16658 Datasheet HTML 1Page - Ledil, Inc. CS16658 Datasheet HTML 2Page - Ledil, Inc. CS16658 Datasheet HTML 3Page - Ledil, Inc. CS16658 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CS16658_STRADA-IP-8MX-T2-C-PC
STRADA-IP-8MX-T2-C-PC
IESNA Type II (medium) beam with added house
side backlight. Designed for tilted and long
armatures. PC variant.
TECHNICAL SPECIFICATIONS:
Dimensions
90.0 mm
Height
9.6 mm
Fastening
pin, screw
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
7.3 kg
Quantity in Box
156 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-IP-8MX-T2-C-PC
Lens
PC
clear
STRADA-IP-8MX-SEAL
Seal
Silicone
Last update: 27/07/2018
Subject to change without prior notice
Published: 26/07/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - CS16658

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CS1660-000 TEC-CS1660-000 Datasheet
3Mb / 40P
Raychem Application Tooling
logo
List of Unclassifed Man...
CS166026 ETC-CS166026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS166060 ETC-CS166060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS166075 ETC-CS166075 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS166090 ETC-CS166090 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS16658

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16374 LEDIL-C16374 Datasheet
1Mb / 4P
IESNA Type II (medium) beam
CS15223 LEDIL-CS15223 Datasheet
5Mb / 5P
IESNA Type II (medium) beam with added house side backlight
CS15886 LEDIL-CS15886 Datasheet
5Mb / 9P
IESNA Type II (medium) beam with minimized house side backlight
C15292 LEDIL-C15292 Datasheet
4Mb / 14P
IESNA Type II (medium) beam with added house side backlight
C16637 LEDIL-C16637 Datasheet
2Mb / 9P
IESNA Type II (medium) beam with added house side backlight
C17062 LEDIL-C17062 Datasheet
2Mb / 6P
IESNA Type II (medium) beam with added house side backlight
CS15363 LEDIL-CS15363 Datasheet
5Mb / 18P
IESNA Type II (medium) beam with minimized house side backlight
CS16397 LEDIL-CS16397 Datasheet
4Mb / 9P
IESNA Type II (medium) beam with added house side backlight
CS16975 LEDIL-CS16975 Datasheet
3Mb / 4P
IESNA Type II (medium) beam with excellent backlight control
CS17307 LEDIL-CS17307 Datasheet
2Mb / 4P
IESNA Type II (medium) beam with minimized house side backlight
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com