Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX11352 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CX11352
Description  ~8째 spot beam optimized for LUXEON Rebel.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CX11352 Datasheet(HTML) 1 Page - Ledil, Inc.

  CX11352 Datasheet HTML 1Page - Ledil, Inc. CX11352 Datasheet HTML 2Page - Ledil, Inc. CX11352 Datasheet HTML 3Page - Ledil, Inc. CX11352 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CX11352_LAURA-RS
LAURA-RS
~8° spot beam optimized for LUXEON Rebel.
Assembly with white holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 x 21.6 mm
Height
12.9 mm
Fastening
tape
Colour
white
Box size
Box weight
0 kg
Quantity in Box
3240 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LAURA-RS
Lens
PMMA
clear
ROSE-HLD-RE-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
Last update: 22/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CX11352

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
~30째 medium beam optimized for LUXEON Rebel
CX11359 LEDIL-CX11359 Datasheet
1Mb / 4P
~15째 diffused spot beam optimized for LUXEON Rebel
More results

Similar Description - CX11352

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCN11738 LEDIL-FCN11738 Datasheet
1Mb / 4P
~8.5째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
CP10544 LEDIL-CP10544 Datasheet
2Mb / 4P
~20째 smooth spot beam optimized for LUXEON Rebel
CP11630 LEDIL-CP11630 Datasheet
2Mb / 4P
~15째 spot beam optimized for LUXEON Rebel
FCN10804 LEDIL-FCN10804 Datasheet
1Mb / 4P
~9.6째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
~30째 medium beam optimized for LUXEON Rebel
CX11359 LEDIL-CX11359 Datasheet
1Mb / 4P
~15째 diffused spot beam optimized for LUXEON Rebel
CX11645 LEDIL-CX11645 Datasheet
4Mb / 4P
~11째 smooth spot beam optimized for LUXEON Rebel
CA12443 LEDIL-CA12443 Datasheet
6Mb / 9P
~15째 smooth spot beam optimized for LUXEON Rebel ES
CA12530 LEDIL-CA12530 Datasheet
5Mb / 11P
~10째 diffused spot beam optimized for LUXEON Rebel ES
FA11209 LEDIL-FA11209 Datasheet
1Mb / 5P
~16째 diffused spot beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com