Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX12983 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CX12983
Description  Mini reflector with ~70째 wide beam optimized for LUXEON Rebel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CX12983 Datasheet(HTML) 1 Page - Ledil, Inc.

  CX12983 Datasheet HTML 1Page - Ledil, Inc. CX12983 Datasheet HTML 2Page - Ledil, Inc. CX12983 Datasheet HTML 3Page - Ledil, Inc. CX12983 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CX12983_LAURA-R-XW
LAURA-R-XW
Mini reflector with ~70° wide beam optimized for
LUXEON Rebel. Assembly with white holder and
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 x 21.6 mm
Height
12.9 mm
Fastening
tape
Colour
white
Box size
Box weight
0 kg
Quantity in Box
3240 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LAURA-R-XW
Reflector
HRPC
white
ROSE-HLD-RE-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
Last update: 29/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CX12983

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX12 ETC-CX12 Datasheet
104Kb / 2P
COAXIAL PROTECTOR
logo
Protek Devices
CX12 PROTEC-CX12 Datasheet
76Kb / 3P
COAXIAL PROTECTOR
CX12 PROTEC-CX12 Datasheet
417Kb / 6P
coaxial protector
logo
Keysight Technologies
CX1201A KEYSIGHT-CX1201A Datasheet
4Mb / 32P
Device Current Waveform Analyzer
CX1202A KEYSIGHT-CX1202A Datasheet
4Mb / 32P
Device Current Waveform Analyzer
More results

Similar Description - CX12983

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13179 LEDIL-CA13179 Datasheet
2Mb / 4P
~70째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
FCX11675 LEDIL-FCX11675 Datasheet
1Mb / 4P
~60째 wide beam optimized for LUXEON Rebel. Assembly with white holder.
CA11427 LEDIL-CA11427 Datasheet
2Mb / 4P
Mini reflector with ~70째 wide beam optimized for Nichia 19
CA12982 LEDIL-CA12982 Datasheet
2Mb / 4P
Mini reflector with ~70째 wide beam optimized for CREE XP-E
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
~8째 spot beam optimized for LUXEON Rebel.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
~30째 medium beam optimized for LUXEON Rebel
CX11524 LEDIL-CX11524 Datasheet
1Mb / 4P
Mini reflector with ~70째 wide beam optimized for LUXEON Rebel
CX12568 LEDIL-CX12568 Datasheet
1Mb / 4P
~40째 wide beam optimized for LUXEON Rebel.
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
~30째 wide beam optimized for LUXEON Rebel ES
CA12883 LEDIL-CA12883 Datasheet
3Mb / 5P
~70째 very wide beam optimized for LUXEON M/MX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com