Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8974 Datasheet(PDF) 60 Page - Cirrus Logic

Part # WM8974
Description  Mono CODEC with Speaker Driver
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8974 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button WM8974 Datasheet HTML 56Page - Cirrus Logic WM8974 Datasheet HTML 57Page - Cirrus Logic WM8974 Datasheet HTML 58Page - Cirrus Logic WM8974 Datasheet HTML 59Page - Cirrus Logic WM8974 Datasheet HTML 60Page - Cirrus Logic WM8974 Datasheet HTML 61Page - Cirrus Logic WM8974 Datasheet HTML 62Page - Cirrus Logic WM8974 Datasheet HTML 63Page - Cirrus Logic WM8974 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 89 page
background image
WM8974
60
Rev 4.7
3.
Set BIASEN = 1, BUFIOEN = 1, BUFDCOPEN = 1 and also the VMIDSEL[1:0] bits in the
Power Management 1 register. * Notes 1 and 2.
4.
Wait for the VMID supply to settle. * Note 2.
5.
Enable DAC by setting DACEN = 1.
6.
Enable mixers as required.
7.
Enable output stages as required.
Power Down (all cases):
1.
Soft mute DAC by setting DACMU = 1.
2.
Disable power management register 1 by setting R1[8:0]=0x00.
3.
Disable all other output stages.
4.
Turn off external power supplies.
Notes:
1.
This step enables the internal device bias buffer and the VMID buffer for unassigned
inputs/outputs. This will provide a start-up reference voltage for all inputs and outputs. This will
cause the inputs and outputs to ramp towards VMID (NOT using output 1.5x boost) or 1.5 x
(AVDD/2) (using output 1.5x boost) in a way that is controlled and predictable (see note 2).
2.
Choose the value of the VMIDSEL bits based on the start-up time (VMIDSEL=10 for slowest
start-up, VMIDSEL=11 for fastest start-up). Start-up time is defined by the value of the
VMIDSEL bits (the reference impedance) and the external decoupling capacitor on VMID.
In addition to the power on sequence, it is recommended that the zero cross functions are used when
changing the volume in the PGAs to avoid any audible pops or clicks.
V
pora
DGND
Internal POR active
Device Ready
No Power
V
por_off
Power Supply
POR
I2S Clocks
ADC Internal
State
t
midrail_on
Analogue Inputs
ADCDAT pin
GD
ADCEN bit
Power down
Init
Normal Operation
Normal Operation
Init
PD
Power down
ADC enabled
ADC enabled
ADC off
t
adcint
DNC
INPPGAEN bit
t
adcint
INPPGA enabled
DNC
GD
GD
GD
POR
POR Undefined
VMID enabled
VMIDSEL/
BIASEN bits
AVDD/2
t
midrail_off
(Note 1)
(Note 2)
(Note 3)
(Note 4)
V
por_on
Figure 34 ADC Power Up and Down Sequence (not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com