Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC564 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC564
Description  RISC MCU Including Peripheral Pin Multiplexing with Flash and Code Compression Options
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC564 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC564 Datasheet HTML 1Page - Motorola, Inc MPC564 Datasheet HTML 2Page - Motorola, Inc MPC564 Datasheet HTML 3Page - Motorola, Inc MPC564 Datasheet HTML 4Page - Motorola, Inc MPC564 Datasheet HTML 5Page - Motorola, Inc MPC564 Datasheet HTML 6Page - Motorola, Inc MPC564 Datasheet HTML 7Page - Motorola, Inc MPC564 Datasheet HTML 8Page - Motorola, Inc MPC564 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MPC561/MPC563
PRODUCT BRIEF
MOTOROLA
3
General-Purpose I/O Support
• 24 Address pins and 32 data pins can be used for general-purpose I/O in single-chip mode
• 16 GPIO in MIOS14
• Many peripheral pins can be used as GPIO when not used as primary functions
• 2.6-V outputs on external bus pins
• 5-V outputs with slew rate control
NEXUS Debug Port (Class 3)
• Compliant with Class 3 of the IEEE-ISTO Nexus 5001-1999
• Program trace via branch trace messaging (BTM)
• Data trace via data write messaging (DWM) and data read messaging (DRM)
• Ownership trace via ownership trace messaging (OTM)
• Run-time access to on-chip memory map and MPC5xx special purpose registers (SPRs) via the
READI read/write access protocol
• Watchpoint messaging via the auxiliary port
• Reduced-port mode (1 MDI, 2 MDO) or full-port mode (2 MDI. 8 MDO)
• All features configurable and controllable via the auxiliary port
• Security features for production environment
• Supports the RCPU debug mode via the auxiliary port
• READI module can be reset independent of system reset
Integrated I/O System
Two Time Processor Units (TPU3)
• True 5-V I/O
• Two time processing units (TPU3) with16 channels each
• Each TPU3 is a micro-coded timer subsystem
• Eight-Kbytes of dual port TPU RAM (DPTRAM) shared by two TPU3 modules for TPU micro-code
22-Channel Modular I/O System (MIOS14)
• Six modulus counter sub-modules (MCSM)
• 10 double-action sub-modules (DASM)
• 12 dedicated PWM sub-modules (PWMSM)
• One MIOS14 16-bit parallel port I/O sub-modules (MPIOSM)
Two Enhanced Queued Analog-to-Digital Converter Modules (QADC64E)
• Two queued analog-to-digital converter modules (QADC64_A, QADC64_B) providing a total of 32
analog channels
• 16 analog input channels on each QADC64E module using internal multiplexing
• Directly supports up to four external multiplexers
• Up to 41 total input channels on the two QADC64E modules with external multiplexing
• Software configurable to operate in Enhanced or Legacy (MPC555 compatible) mode
• Unused analog channels can be used as digital input/output pins
— GPIO on all channels in Enhanced mode
• 10-bit A/D converter with internal sample/hold
• Typical conversion time of less than 5 µs (>200 K samples/second)
• Two conversion command queues of variable length
• Automated queue modes initiated by:
— External edge trigger
— Software command
— Periodic/interval timer within QADC64E module, that can be assigned to both queue 1 and 2
— External Gated trigger (queue 1only)
• 64 result registers
— Output data is right- or left-justified, signed or unsigned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com