Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR5512G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UR5512G-S08-R
Description  2A DDR BUS TERMINATION REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5512G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UR5512G-S08-R Datasheet HTML 1Page - Unisonic Technologies UR5512G-S08-R Datasheet HTML 2Page - Unisonic Technologies UR5512G-S08-R Datasheet HTML 3Page - Unisonic Technologies UR5512G-S08-R Datasheet HTML 4Page - Unisonic Technologies UR5512G-S08-R Datasheet HTML 5Page - Unisonic Technologies UR5512G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UR5512
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 6
www.unisonic.com.tw
QW-R101-017.E
ABSOLU T E M AX I M U M RAT I N GS
PARAMETER
SYMBOL
RATING
UNIT
VCNTL Control Voltage
VCNTL
-0.2 ~ 7
V
VIN Supply Voltage
VIN
-0.2 ~ 6
V
Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
+125
C
Storage Temperature
TSTG
-40 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOM M EN DED OPERAT I N G CON DI T I ON S
PARAMETER
SYMBOL
RANGE
UNIT
VCNTL Control Voltage (Note 1)
VCNTL
3.1 ~ 6
V
VIN Supply Voltage
VIN
1.6 ~ 5.5
V
VREF Input Voltage
VREF
0.85 ~ 1.75
V
VOUT Output Voltage (Note 2)
VOUT
VREF ± 0.02
V
VOUT Output Current
IOUT
-2 ~ +2
A
Junction Temperature
TJ
0 ~ +125
C
Note: The VOUT tracks the VREF with additional voltage offset and load regulation.
ELECT RI CAL CH ARACT ERI ST I CS
(VIN = 1.8V, VCNTL = 5V, VREFEN = 0.5VIN), Ta = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENT
Operation Current of VCNTL
ICNTL
IOUT = 0A
2
4
mA
VREF=GND (Shutdown)
1.9
mA
Current into VREF Pin
IREF
VREF =1.25V
200
500
nA
VREF = GND (Shutdown)
20
40
µA
Standby Current
ISTB
VREF < 0.2V, RLOAD = 180
Ω
50
90
µA
OUTPUT VOLTAGE
Output Voltage Offset (VOUT - VREF)
VO(OFF)
IOUT = 0A
-20
6
+20
mV
Load Regulation
∆VLOAD IOUT = ±1.5A
-20
+20
mV
PROTECTION
Current limit
ILIMIT
2.0
A
Thermal Shutdown Temperature
TSD
VCNTL = 5V
125
180
°C
Thermal Shutdown Hysteresis
∆TSD
VCNTL = 5V
40
°C
REFEN Shutdown
Shutdown Threshold
VIH
Enable
0.6
V
VIL
Shutdown
0.15
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com