Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR5517L-HM1-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UR5517L-HM1-R
Description  3A DDR BUS TERMINATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5517L-HM1-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UR5517L-HM1-R Datasheet HTML 1Page - Unisonic Technologies UR5517L-HM1-R Datasheet HTML 2Page - Unisonic Technologies UR5517L-HM1-R Datasheet HTML 3Page - Unisonic Technologies UR5517L-HM1-R Datasheet HTML 4Page - Unisonic Technologies UR5517L-HM1-R Datasheet HTML 5Page - Unisonic Technologies UR5517L-HM1-R Datasheet HTML 6Page - Unisonic Technologies UR5517L-HM1-R Datasheet HTML 7Page - Unisonic Technologies UR5517L-HM1-R Datasheet HTML 8Page - Unisonic Technologies UR5517L-HM1-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UR5517
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
7 of 9
www.unisonic.com.tw
QW-R102-041.H
T Y PI CAL CH ARACT ERI ST I CS (Cont .)
Output Short Circuit Protection
Source
0
1
2
3
5
6
4
Sink
VIN=5V, VLDOIN=2.5V, VTT=1.25V
VIN=5V, VLDOIN=2.5V, VTT=1.25V
Output Short Circuit Protection
0
1
2
3
5
6
4
Output Short Circuit Protection
Source
0
1
2
3
5
6
4
Sink
VIN=5V, VLDOIN=1.5V, VTT=0.75V
VIN=5V, VLDOIN=1.5V, VTT=0.75V
Output Short Circuit Protection
0
1
2
3
5
6
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com