Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3GU04 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC3GU04
Description  TRIPLE INVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC3GU04 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC3GU04 Datasheet HTML 5Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 6Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 7Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 8Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 9Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 10Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 11Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 12Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9397 750 14546
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 01 February 2005
9 of 16
Philips Semiconductors
74LVC3GU04
Triple inverter
14. Additional characteristics
VO is constant.
Fig 8.
Test set-up for measuring forward transconductance
Tamb =25 °C.
Fig 9.
Typical forward transconductance as a function of supply voltage
mna050
VCC
Rbias = 560 kΩ
input
0.47
µF
100
µF
output
A
GND
IO
VI
(f = 1 kHz)
g
fs
I
o
∆
V
i
∆
---------
=
02
13
5
6
VCC (V)
160
120
40
0
80
4
gfs
(mA/V)
mnb108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com