Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLA20IM800PC Datasheet(PDF) 1 Page - IXYS Corporation

Part # DLA20IM800PC
Description  High Efficiency Standard Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DLA20IM800PC Datasheet(HTML) 1 Page - IXYS Corporation

  DLA20IM800PC Datasheet HTML 1Page - IXYS Corporation DLA20IM800PC Datasheet HTML 2Page - IXYS Corporation DLA20IM800PC Datasheet HTML 3Page - IXYS Corporation DLA20IM800PC Datasheet HTML 4Page - IXYS Corporation DLA20IM800PC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DLA20IM800PC
Single Diode
High Efficiency Standard Rectifier
2/4
1
3
Part number
DLA20IM800PC
Backside: cathode
FAV
F
V
V
1.24
RRM
20
800
=
V
=
V
I
=
A
Features / Advantages:
Applications:
Package:
● Planar passivated chips
● Very low leakage current
● Very low forward voltage drop
● Improved thermal behaviour
● Diode for main rectification
● For single and three phase
bridge configurations
TO-263 (D2Pak)
● Industry standard outline
● RoHS compliant
● Epoxy meets UL 94V-0
The data contained in this product data sheet is exclusively intended for technically trained staff. The user will have to evaluate the suitability of the product for the intended application and
the completeness of the product data with respect to his application. The specifications of our components may not be considered as an assurance of component characteristics. The
information in the valid application- and assembly notes must be considered. Should you require product information in excess of the data given in this product data sheet or which concerns
the specific application of your product, please contact the sales office, which is responsible for you.
Due to technical requirements our product may contain dangerous substances. For information on the types in question please contact the sales office, which is responsible for you.
Should you intend to use the product in aviation, in health or live endangering or life support applications, please notify. For any such application we urgently recommend
- to perform joint risk and quality assessments;
- the conclusion of quality agreements;
- to establish joint measures of an ongoing product survey, and that we may make delivery dependent on the realization of any such measures.
Terms Conditions of usage:
IXYS reserves the right to change limits, conditions and dimensions.
20121026a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2012 IXYS all rights reserved


Similar Part No. - DLA20IM800PC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DLA20001 VISHAY-DLA20001 Datasheet
88Kb / 4P
Wet Tantalum Capacitors, Space Level, Established Reliability, DLA Drawing 20001
15-Jun-2020
DLA20021 VISHAY-DLA20021 Datasheet
598Kb / 15P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, DLA Approved
29-Jan-2021
DLA20021 VISHAY-DLA20021 Datasheet
635Kb / 17P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, DLA Approved
29-Jan-2021
DLA20021 VISHAY-DLA20021_V01 Datasheet
635Kb / 17P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, DLA Approved
29-Jan-2021
More results

Similar Description - DLA20IM800PC

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
List of Unclassifed Man...
HER201 ETC2-HER201 Datasheet
119Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
IXYS Corporation
DLA100B800LB IXYS-DLA100B800LB Datasheet
185Kb / 5P
High Efficiency Standard Rectifier
DLA5P800UC IXYS-DLA5P800UC Datasheet
216Kb / 5P
High Efficiency Standard Rectifier
DLA40IM800PC IXYS-DLA40IM800PC Datasheet
142Kb / 5P
High Efficiency Standard Rectifier
DLA60I1200HA IXYS-DLA60I1200HA Datasheet
138Kb / 5P
High Efficiency Standard Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com