Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5S16861 Datasheet(PDF) 5 Page - STMicroelectronics

Part # B5S16861
Description  20-BIT TWO PORT BUS SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B5S16861 Datasheet(HTML) 5 Page - STMicroelectronics

  B5S16861 Datasheet HTML 1Page - STMicroelectronics B5S16861 Datasheet HTML 2Page - STMicroelectronics B5S16861 Datasheet HTML 3Page - STMicroelectronics B5S16861 Datasheet HTML 4Page - STMicroelectronics B5S16861 Datasheet HTML 5Page - STMicroelectronics B5S16861 Datasheet HTML 6Page - STMicroelectronics B5S16861 Datasheet HTML 7Page - STMicroelectronics B5S16861 Datasheet HTML 8Page - STMicroelectronics B5S16861 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
B5S16861
5/10
Table 8: Capacitance Characteristics
Figure 4: Test Circuit
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
CIN
Input Capacitance at Control
Pin
4pF
CI/O
Input Capacitance at I/O Pin
5.0
nG=VCC
5.5
pF
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
7V
tPZH, tPHZ
Open



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com