Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3V3L1B2LP3 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D3V3L1B2LP3
Description  LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D3V3L1B2LP3 Datasheet(HTML) 1 Page - Diodes Incorporated

  D3V3L1B2LP3 Datasheet HTML 1Page - Diodes Incorporated D3V3L1B2LP3 Datasheet HTML 2Page - Diodes Incorporated D3V3L1B2LP3 Datasheet HTML 3Page - Diodes Incorporated D3V3L1B2LP3 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D3V3L1B2LP3
Document number: DS38553 Rev. 1 - 2
1 of 4
www.diodes.com
November 2016
© Diodes Incorporated
D3V3L1B2LP3
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Product Summary
VBR Min
Ipp Max
CIN Typ
3.8V
12A
28pF
Description
This new generation TVS is designed to protect sensitive electronics
from the damage due to ESD. The combination of small size and high
ESD surge capability makes it ideal for use in portable applications
such as cellular phones, digital cameras and MP3 players.
Applications
Cellular Handsets
Portable Electronics
Computers and Peripheral
Features
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
1 Channel of ESD Protection
Low Channel Input Capacitance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and
Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: X3-DFN0603-2
Case Material: Molded Plastic, ―Green‖ Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin over Copper Leadframe, per MIL-STD-202,
Method 208
Weight: 0.0002 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
D3V3L1B2LP3-7
Standard
HH
7
8
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Device Schematic
X3-DFN0603-2
HH = Product Type Marking Code
HH
Top View
Bottom View
Pin 1
Pin 2


Similar Part No. - D3V3L1B2LP3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3L1B2LP3Q DIODES-D3V3L1B2LP3Q Datasheet
419Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
June 2022 Rev. 1 - 2
D3V3L1B2LP3Q-7 DIODES-D3V3L1B2LP3Q-7 Datasheet
419Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
June 2022 Rev. 1 - 2
More results

Similar Description - D3V3L1B2LP3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0L1B2WS DIODES-D5V0L1B2WS Datasheet
102Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 4
D5V0L1B2LP-7B DIODES-D5V0L1B2LP-7B Datasheet
101Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 9
D5V0L1B2T-7 DIODES-D5V0L1B2T-7 Datasheet
106Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 5
D12V0L1B2LP DIODES-D12V0L1B2LP Datasheet
262Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 2
DESD3V3S1BLP3 DIODES-DESD3V3S1BLP3 Datasheet
209Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 4
D8V0L1B2LP3 DIODES-D8V0L1B2LP3 Datasheet
379Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 1
DESD3V3Z1BCSF DIODES-DESD3V3Z1BCSF Datasheet
446Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 4
D5V0L1B2TQ DIODES-D5V0L1B2TQ Datasheet
314Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2019 Rev. 1 - 2
D8V0L1B2LPQ DIODES-D8V0L1B2LPQ Datasheet
293Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2018 Rev. 1 - 2
DESD3V3XA1BCSF DIODES-DESD3V3XA1BCSF Datasheet
349Kb / 5P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
March 2021 Rev.1 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com