Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1059411 Datasheet(PDF) 2 Page - SICK AG

Part # 1059411
Description  NON-CONTACT SAFETY SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1059411 Datasheet(HTML) 2 Page - SICK AG

  1059411 Datasheet HTML 1Page - SICK AG 1059411 Datasheet HTML 2Page - SICK AG 1059411 Datasheet HTML 3Page - SICK AG 1059411 Datasheet HTML 4Page - SICK AG 1059411 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
RE11-SA03 | RE1
NON-CONTACT SAFETY SWITCHES
Ordering information
Type
Part no.
RE11-SA03
1059411
Other models and accessories
www.sick.com/RE1
Detailed technical data
Features
System part
Sensor and actuator
Sensor principle
Magnetic
Number of N/O contacts
1
Number of N/C contacts
1
Number of signaling contacts
0
Safe switch on distance Sao
3 mm
Safe switch off distance Sar
12 mm
Active sensor surfaces
1
Actuation directions
5
Safety-related parameters
B10d parameter
2 x 107 switching cycles (with small load)
Type
Type 4 (EN ISO 14119)
Actuator coding level
Low coding level (EN ISO 14119)
Safe state in the event of a fault
The switch has no internal fault detection and is unable to assume a safe state in the event of
a fault. Fault detection is performed by the connected safety-related logic unit.
Interfaces
Connection type
Cable
Length of cable 3 m
Cable material PVC
Electrical data
Type of output
Reed contacts
Switching voltage
≤ 30 V DC
Switching current
≤ 400 mA
Mechanical data
Design
Rectangular
Dimensions (W x H x D)
26 mm x 36 mm x 13 mm
Weight
0.2 kg
2
SAFETY SWITCHES | SICK
Online data sheet | 2018-09-05 15:23:31
Subject to change without notice



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com