Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA14V2-4BF1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA14V2-4BF1
Description  QUAD BIDIRECTIONAL TRANSIL-TM ARRAY FOR ESD PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2-4BF1 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA14V2-4BF1 Datasheet HTML 1Page - STMicroelectronics ESDA14V2-4BF1 Datasheet HTML 2Page - STMicroelectronics ESDA14V2-4BF1 Datasheet HTML 3Page - STMicroelectronics ESDA14V2-4BF1 Datasheet HTML 4Page - STMicroelectronics ESDA14V2-4BF1 Datasheet HTML 5Page - STMicroelectronics ESDA14V2-4BF1 Datasheet HTML 6Page - STMicroelectronics ESDA14V2-4BF1 Datasheet HTML 7Page - STMicroelectronics ESDA14V2-4BF1 Datasheet HTML 8Page - STMicroelectronics ESDA14V2-4BF1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ESDA14V2-4BF1
2/9
®
ABSOLUTE MAXIMUM RATING (Tamb = 25°C)
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge
MIL STD 883E - Method 3015-7
IEC61000-4-2 air discharge
IEC61000-4-2 contact discharge
± 25
± 15
± 8
kV
PPP
Peak pulse power (8/20µs)
50
W
Tj
Junction temperature
125
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Lead solder temperature (10 seconds duration)
260
°C
Top
Operating temperature range
-40 to +125
°C
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
C
Capacitance
Rd
Dynamic resistance
Part Number
VBR
@ IR
IRM
@
VRM
Rd
αTC
min.
max.
max.
typ.
max.
max.
note 1
note 2
0V bias
V
V
mA
µA
V
Ω
10-4/°C
pF
ESDA14V2-4BF1
14.2
18
1
112
3.2
10
15
0.1
3
Note 1: Square pulse, IPP = 3A, tp = 2.5µs.
Note 2:
∆VBR = αT (Tamb -25°C) x VBR (25°C)
I
V
V
BR
CL
VRM
I PP
I RM
V
Slope = 1/Rd



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com