Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP1 Datasheet(PDF) 4 Page - NEC

Part # FP1
Description  on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FP1 Datasheet(HTML) 4 Page - NEC

  FP1 Datasheet HTML 1Page - NEC FP1 Datasheet HTML 2Page - NEC FP1 Datasheet HTML 3Page - NEC FP1 Datasheet HTML 4Page - NEC FP1 Datasheet HTML 5Page - NEC FP1 Datasheet HTML 6Page - NEC FP1 Datasheet HTML 7Page - NEC FP1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D16181EJ1V0DS
4
FP1 SERIES
FB1A4M
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
3DUDPHWHU
6\PERO
&RQGLWLRQV
0,1
7<3
0$;
8QLW
&ROOHFWRUFXWRIIFXUUHQW
,&%2
9&% −9 ,( 
−
Q$
'& FXUUHQW JDLQ
K)(
9&( − 9 ,& − $

−
'& FXUUHQW JDLQ
K)(
9&( − 9 ,& − $

−
'& FXUUHQW JDLQ
K)(
9&( − 9 ,& − $

−
&ROOHFWRUVDWXUDWLRQ YROWDJH
9&( VDW 9,1 − 9 ,& − $
−
9
/RZ OHYHO LQSXW YROWDJH
9,/
9&( − 9 ,& −
µ$
−
9
,QSXW UHVLVWDQFH
5


NΩ
(WR% UHVLVWDQFH
5


NΩ
** PW
≤ 350
µs, duty cycle ≤ 2 %



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com