Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRISMPS3 Datasheet(PDF) 7 Page - International Rectifier

Part # IRISMPS3
Description  International Rectifier 짰233 Kansas Street El Segundo CA 90245 USA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISMPS3 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRISMPS3 Datasheet HTML 3Page - International Rectifier IRISMPS3 Datasheet HTML 4Page - International Rectifier IRISMPS3 Datasheet HTML 5Page - International Rectifier IRISMPS3 Datasheet HTML 6Page - International Rectifier IRISMPS3 Datasheet HTML 7Page - International Rectifier IRISMPS3 Datasheet HTML 8Page - International Rectifier IRISMPS3 Datasheet HTML 9Page - International Rectifier IRISMPS3 Datasheet HTML 10Page - International Rectifier IRISMPS3 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.irf.com
7
IRISMPS3
Fig 6) Drain (D) voltage of IRIS4013K (CH1) and the FB pin voltage (CH3) at 110VAC in/no load output
Fig 6) again shows the drain and FB pin voltages, but this time with a 110VAC and a no load condition. In
this case the circuit is operating in the PRC mode with a fixed off time of 50us as can be seen on the waveform.
The on time is very short as the only energy required is the energy needed to keep the circuit operating and
hold the output at 15V. Under these conditions the input power consumed is 488mW, which meets the
Energystar and Blue Angel Requirements.
Fig 7)Drain (D) voltage of IRIS4013K (CH1) and the FB pin voltage (CH3) at 230VAC in/no load output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com