Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RW1C025ZP Datasheet(PDF) 2 Page - Rohm

Part # RW1C025ZP
Description  Pch -20V -2.5A Small Signal MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RW1C025ZP Datasheet(HTML) 2 Page - Rohm

  RW1C025ZP Datasheet HTML 1Page - Rohm RW1C025ZP Datasheet HTML 2Page - Rohm RW1C025ZP Datasheet HTML 3Page - Rohm RW1C025ZP Datasheet HTML 4Page - Rohm RW1C025ZP Datasheet HTML 5Page - Rohm RW1C025ZP Datasheet HTML 6Page - Rohm RW1C025ZP Datasheet HTML 7Page - Rohm RW1C025ZP Datasheet HTML 8Page - Rohm RW1C025ZP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RW1C025ZP
          
               
Datasheet
l
lThermal resistance
                                   
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - ambient
RthJA*2
-
-
179
℃/W
RthJA*3
-
-
292
℃/W
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Drain - Source breakdown
voltage
V(BR)DSS VGS = 0V, ID = -1mA
-20
-
-
V
Breakdown voltage
temperature coefficient
 ΔV(BR)DSS  ID = -1mA
-
-21.9
-
mV/℃
   ΔTj     referenced to 25℃
Zero gate voltage
drain current
IDSS
VDS = -20V, VGS = 0V
-
-
-1
μA
Gate - Source leakage current
IGSS
VGS = ±10V, VDS = 0V
-
-
±10
μA
Gate threshold voltage
VGS(th)
VDS = -10V, ID = -1mA
-0.3
-
-1.0
V
Gate threshold voltage
temperature coefficient
 ΔVGS(th)   ID = -1mA
-
2.4
-
mV/℃
   ΔTj     referenced to 25℃
Static drain - source
on - state resistance
RDS(on)*4
VGS = -4.5V, ID = -2.5A
-
48
65
mΩ
VGS = -2.5V, ID = -1.2A
-
65
90
VGS = -1.8V, ID = -1.2A
-
90
135
VGS = -1.5V, ID = -0.5A
-
120
240
Gate resistance
RG
f = 1MHz, open drain
-
19.3
-
Ω
Forward Transfer
Admittance
|Yfs|*4
VDS = -10V, ID = -2.5A
2.2
-
-
S
*1 Pw≦10μs , Duty cycle≦1%
*2 Mounted on a ceramic board (30×30×0.8mm)
*3 Mounted on a FR4 (12×20×0.8mm,Cu pad:240mm2)
*4 Pulsed
                                             
 
                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/11
20160825 - Rev.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com