Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1671 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX1671
Description  Multiple Output LoadSHARE PWM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1671 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX1671 Datasheet HTML 5Page - Microsemi Corporation LX1671 Datasheet HTML 6Page - Microsemi Corporation LX1671 Datasheet HTML 7Page - Microsemi Corporation LX1671 Datasheet HTML 8Page - Microsemi Corporation LX1671 Datasheet HTML 9Page - Microsemi Corporation LX1671 Datasheet HTML 10Page - Microsemi Corporation LX1671 Datasheet HTML 11Page - Microsemi Corporation LX1671 Datasheet HTML 12Page - Microsemi Corporation LX1671 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Microsemi
Integrated Products, Power Management
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Copyright
© 2000
Rev. 1.0a, 2004-06-14
LX1671
Multiple Output LoadSHARE™ PWM
PRODUCTION DATA SHEET
I N T E GRA T ED
PR ODUC T S
APPLICATION CIRCUIT
LX1671
CPW
VC2
LDGD
LDFB
LDDIS
DGND
AGND
SS2
RF2
FB2
SS3
LO3
PG3
VCCL
VCC
N/U
VS3
CS3
N.C.
N.C.
EO3
FB3
EO2
RSVD
VS1
CS1
LO2
H02
VC3
HO3
LO1
PG1
H01
VC1
EO1
CS2
VS2
SS1
FB1
L3
+5V
+
L1
VOUT1
+
+5V
+
+5V
+
+
L2
VOUT2
+
VOUT3
Figure 5 – Single Phase Operation 5V Only
(ALL PHASES BOOTSTRAPPED)
(LDO NOT FUNCIONAL )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com