Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSAL200QSCX Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSAL200QSCX
Description  Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSAL200QSCX Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSAL200QSCX Datasheet HTML 2Page - ON Semiconductor FSAL200QSCX Datasheet HTML 3Page - ON Semiconductor FSAL200QSCX Datasheet HTML 4Page - ON Semiconductor FSAL200QSCX Datasheet HTML 5Page - ON Semiconductor FSAL200QSCX Datasheet HTML 6Page - ON Semiconductor FSAL200QSCX Datasheet HTML 7Page - ON Semiconductor FSAL200QSCX Datasheet HTML 8Page - ON Semiconductor FSAL200QSCX Datasheet HTML 9Page - ON Semiconductor FSAL200QSCX Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAL200 Rev. 1.7.1
5
AC Electrical Characteristics
Typical values are at 25°C unless otherwise specified
.
Symbol
Parameter
Conditions
VCC(V)
Min.
Typ.
Max.
Units
Figure
VBn=3V
4.5 to 5.5
10
20
Figure 3
tON
Turn-On Time
VBn=1.5V
3.0 to 3.6
28
40
ns
Figure 4
VBn-3V
4.5 to 5.5
5
10
Figure 3
tOFF
Turn-Off Time
VBn=1.5V
3.0 to 3.6
4
20
ns
Figure 4
5.0
7
Q
Charge
Injection
CL=0.1nF,VGEN=0
RGEN=0Ω
3.3
3
pC
Figure 5
RL=100Ω ,f=30MHz
4.5 to 5.5
-55
OIRR
Off Isolation
RL=50Ω, f=1MHz
3.0 to 3.6
-75
dB
Figure 6
RL=100Ω ,f=30MHz
4.5 to 5.5
-70
Xtalk
Crosstalk
RL=50Ω, f=1MHz
3.0 to 3.6
-75
dB
Figure 7
RL=100Ω
4.5 to 5.5
137
BW
-3db
Bandwidth
RL=50Ω
3.0 to 3.6
110
MHz
Figure 9
4.5 to 5.5
2
D
ΔR
ON/RL
RL=100Ω
3.0 to 3.6
3
%
Figure 9
Notes:
6.
Guaranteed by design.
7.
Off Isolation =20 log10 [VA / VBn].
Capacitance
TA=+25°C, f=1MHz. Capacitance is characterized, but not tested in production.
Symbol
Parameter
Conditions
Typ.
Units
Figure
CIN
Control Pin Input Capacitance
VCC=0V
2.3
pF
B Port Off Capacitance
VCC=5.0V and 3.0V
8
Figure 10
CIO-B
A Port Off Capacitance
VCC=5.0V and 3.0V
13
pF
Figure 10
CON
Channel On Capacitance
VCC=5.0V and 3.0V
15
pF
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com