Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST3245 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FST3245
Description  8-Bit Bus Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST3245 Datasheet(HTML) 2 Page - ON Semiconductor

  FST3245 Datasheet HTML 1Page - ON Semiconductor FST3245 Datasheet HTML 2Page - ON Semiconductor FST3245 Datasheet HTML 3Page - ON Semiconductor FST3245 Datasheet HTML 4Page - ON Semiconductor FST3245 Datasheet HTML 5Page - ON Semiconductor FST3245 Datasheet HTML 6Page - ON Semiconductor FST3245 Datasheet HTML 7Page - ON Semiconductor FST3245 Datasheet HTML 8Page - ON Semiconductor FST3245 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
December 2012
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3245 • Rev. 1.0.3
FST3245 — 8-Bit Bus Switch
Features
4 Ω Switch Connection between Two Ports
Minimal Propagation Delay through the Switch
Low I
CC
Zero Bounce in Flow-through Mode
Control Inputs Compatible with TTL Level
Description
The FST3245 switch provides eight-bits of high-speed
CMOS TTL-compatible bus switching in a standard ’245
pin-out. The low on resistance allows inputs to be
connected to outputs without adding propagation delay
or generating additional ground bounce noise.
The device is organized as an eight-bit switch. When
/OE is LOW, the switch is ON and port A is connected to
port B. When /OE is HIGH, the switch is OPEN and a
high-impedance state exists between the two ports.
Ordering Information
Part Number
Operating
Temperature
Range
Package
Packing
Method
FST3245MTCX
-40 to +85°C
20-Lead Thin Shrink Small Outline Package (TSSOP),
JEDEC MO-153, 4.4 mm Wide
Tape and Reel
Logic Diagram
18
11
B0
B7
19
2
9
/OE
A7
A0
Figure 1. Logic Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com