Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6909-SS Datasheet(PDF) 1 Page - RAF ELECTRONIC HARDWARE

Part # 6909-SS
Description  PRECISION SHOULDER SCREWS SOCKET HEAD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAF [RAF ELECTRONIC HARDWARE]
Direct Link  http://www.rafhdwe.com/
Logo RAF - RAF ELECTRONIC HARDWARE

6909-SS Datasheet(HTML) 1 Page - RAF ELECTRONIC HARDWARE

  6909-SS Datasheet HTML 1Page - RAF ELECTRONIC HARDWARE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This Drawing is the Property of RAF.
It contains confidential, proprietary
information that is RAF property. Do
not disclose to or duplicate for others
except as authorized by RAF.
TOLERANCES
ALL DIMENSIONS ARE INCHES
(UNLESS OTHERWISE SPECIFIED)
METALLIC
LENGTHS </=: 6 INCHES ± 0.005
LENGTH >: 6 INCHES ±0.010
DIAMETERS: ±0.005
NON-METALLIC
LENGTH: ±0.010 DIAMETERS: ± 0.010
INTERNAL THREADS:
MINIMUM THREAD DEPTH
SCALE
SHEET
1 of 1
REV
DATE
DRN
CHK
CHANGE
SJ
T
Drawn
1/8 (C)
[3.18]
3/16(E)
[4.8]
9/32 (A)
[7.14]
5/64 MIN.
[1.98]
0.1560(B)
[3.96]
0.1875(D)
[4.76]
3/32 [2.38] (F)
HEX
TOLERANCE DETAILS
1
A
0.004 [ 0.10]
2
B
+0.000 [+0.00]
-0.001 [-0.03]
3
C
0.010 [ 0.30]
4
D
+0.002 [+0.05]
-0.000 [-0.00]
5
E
0.005 [ 0.13]
6
F
+0.002 [+0.05]
-0.000 [-0.00]
SOCKET HEAD
PRECISION SHOULDER SCREWS
6909-SS
5.12
95 Silvermine Rd.,Seymour CT 06483
Tel: 203-888-2133, Fax: 203-888-9860
02/27/16
COMPONENT
SOCKET HEAD
NOTES:
1. Material : Stainless Steel
2. Finish : No Plate
3. ASME Y14.5-M - 2009
4. All Drawing Dimensions are in Inches [mm]
5. Unless otherwise specified; Edge Breaks,
Radii or Countersinks 0.005-0.015
6-32 THD.
CHAMFER
UNDERCUT 1½ THREADS
TO MINOR DIA.
1/32 [0.79] WIDE
0.005 [0.13]


Similar Part No. - 6909-SS

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6909 MICRONETICS-6909 Datasheet
38Kb / 1P
SINGLE POLE, DOUBLE THROW SURFACE MOUNT SWITCHES
logo
List of Unclassifed Man...
69097 ETC2-69097 Datasheet
439Kb / 8P
SOLISTRAND* Crimping Dies (Used in Crimping Heads69097 and 69099)
logo
Clarke International
6909897 CLARKE-6909897 Datasheet
5Mb / 28P
ECO-DESIGN READY WOODBURNING STOVE
GC01/24 rev 6
logo
Tyco Electronics
69099 MACOM-69099 Datasheet
441Kb / 12P
COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
logo
Clarke International
6909901 CLARKE-6909901 Datasheet
4Mb / 32P
CAST IRON STOVE
GC11/25 Rev 6
More results

Similar Description - 6909-SS

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
6901-SS RAF-6901-SS Datasheet
101Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6902-SS RAF-6902-SS Datasheet
100Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6903-SS RAF-6903-SS Datasheet
96Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6907-SS RAF-6907-SS Datasheet
90Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6921-SS RAF-6921-SS Datasheet
99Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6925-SS RAF-6925-SS Datasheet
94Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6935-SS RAF-6935-SS Datasheet
110Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6936-SS RAF-6936-SS Datasheet
121Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
6937-SS RAF-6937-SS Datasheet
109Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
M3373-SS RAF-M3373-SS Datasheet
80Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com