Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK3013 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK3013
Description  QUAD N-CHANNEL MOSFET POWER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK3013 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK3013 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK3013 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK3013 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK3013 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK3013 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Drain-Source Breakdown Voltage
VGS = 0
ID = 0.25 mA
55
-
-
V
Drain-Source Leakage Current
VDS = 55V
VGS = 0V
-
-
25
µA
Gate-Source Leakage Current
VGS = ±20V
VDS = 0
-
-
±100
nA
Gate-Source Threshold Voltage
VDS = VGS
ID = 250 µA
2
-
4
V
Drain-Source on Resistance
2
VGS = 10V
ID = 25A
-
0.033
0.040
Drain-Source on Resistance
3
VGS = 10V
ID = 25A
-
-
0.022
Forward Transconductance
1
VDS = 25V
ID = 25A
17
-
-
S
Total Gate Charge
1
ID = 25A
-
-
65
nC
Gate-Source Charge
1
VDS = 28V
-
-
12
nC
Gate-Drain Charge
1
VGS = 10V
-
-
27
nC
Turn-On Delay Time
1
VDD = 28V
-
7.3
-
nS
Rise Time
1
ID = 25A
-
69
-
nS
Turn-Off Delay Time
1
RG = 12
-
47
-
nS
Fall Time
1
RD = 1.1
-
60
-
nS
Input Capacitance
1
VGS = 0V
-
1300
-
pF
Output Capacitance
1
VDS = 25V
-
410
-
pF
Reverse Transfer Capacitance
1
f = 1 MHz
-
150
-
pF
BODY DIODE
Forward on Voltage
1
IS = 25A
VGS = 0V
-
1.3
1.75
V
Reverse Recovery Time
1
IS = 25A
di/dt = 100A/µS
-
65
98
nS
Reverse Recovery Charge
1
IS = 25A
di/dt = 100A/µS
-
160
240
µC
TJ
Junction Temperature. . . ..... .. .+175°C MAX
TST Storage Temperature. . . ..... .-55°C TO +150°C
TC
Case Operating Temperature Range . .-55°C TO 125°C
TLD Lead Temperature Range
(10 Seconds) . . . . . . ..... .. .. .300°C MAX
VDSS
Drain to Source Voltage . . .55V MAX
VDGDR
Drain to Gate Voltage
(RGS=1MΩ). ........ 55V MAX
VGS
Gate to Source Voltage
(Continuous)........ ±20V MAX
ID
Continuous Current ..... 25A MAX
IDM
Pulsed Current .......
49A MAX
RTH-JC
Thermal Resistance
(Junction to Case)...... 0.3°C/W
ABSOLUTE MAXIMUM RATINGS
Rev. B 7/00
2
NOTES:
1 This parameter is guaranteed by design but need not be tested. Typical parameters are representative of
actual
device performance but are for reference only.
2 Resistance as seen at package pins.
3 Resistance for die only; use for thermal calculations.
4TA=25°C unless otherwise specified. Parameters apply to each transistor in the module.
ELECTRICAL SPECIFICATIONS
Units
Min.
Typ.
Max.
MSK 3013
Test Conditions 4
Parameter
Ω
Ω
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com