Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8516I Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS8516I
Description  Low Skew, 1-to-16 Differential-to-LVDS, Clock Distribution Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8516I Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS8516I Datasheet HTML 10Page - Integrated Device Technology ICS8516I Datasheet HTML 11Page - Integrated Device Technology ICS8516I Datasheet HTML 12Page - Integrated Device Technology ICS8516I Datasheet HTML 13Page - Integrated Device Technology ICS8516I Datasheet HTML 14Page - Integrated Device Technology ICS8516I Datasheet HTML 15Page - Integrated Device Technology ICS8516I Datasheet HTML 16Page - Integrated Device Technology ICS8516I Datasheet HTML 17Page - Integrated Device Technology ICS8516I Datasheet HTML 18Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
ICS8516I REVISION B SEPTEMBER 10, 2009
16
©
2009 Integrated Device Technology, Inc.
ICS8516I Data Sheet
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology, Incorporated (IDT) assumes no responsibility for either its use or for
infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial and
industrial applications. Any other applications such as those requiring high reliability or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT
reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
TABLE 9. ORDERING INFORMATION
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pg
n
i
g
a
k
c
a
P
g
n
i
p
p
i
h
Se
r
u
t
a
r
e
p
m
e
T
I
Y
F
6
1
5
8I
Y
F
6
1
5
8
S
C
IP
F
Q
L
d
a
e
L
8
4y
a
r
tC
°
5
8
o
t
C
°
0
4
-
T
I
Y
F
6
1
5
8I
Y
F
6
1
5
8
S
C
IP
F
Q
L
d
a
e
L
8
4l
e
e
r
&
e
p
a
t
0
0
0
1C
°
5
8
o
t
C
°
0
4
-
F
L
I
Y
F
6
1
5
8F
L
I
Y
F
6
1
5
8
S
C
IP
F
Q
L
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
8
4y
a
r
tC
°
5
8
o
t
C
°
0
4
-
T
F
L
I
Y
F
6
1
5
8F
L
I
Y
F
6
1
5
8
S
C
IP
F
Q
L
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
8
4l
e
e
r
&
e
p
a
t
0
0
0
1C
°
5
8
o
t
C
°
0
4
-
.
t
n
a
il
p
m
o
c
S
H
o
R
e
r
a
d
n
a
n
o
i
t
a
r
u
g
i
f
n
o
c
e
e
r
F
-
b
P
e
h
t
e
r
a
r
e
b
m
u
n
t
r
a
p
e
h
t
o
t
x
i
f
f
u
s
"
F
L
"
n
a
h
t
i
w
d
e
r
e
d
r
o
e
r
a
t
a
h
t
s
t
r
a
P
:
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com