Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2900421 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2900421
Description  ELR H5-IES-SC- 24DC/500AC-9
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900421 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2900421 Datasheet HTML 1Page - PHOENIX CONTACT 2900421 Datasheet HTML 2Page - PHOENIX CONTACT 2900421 Datasheet HTML 3Page - PHOENIX CONTACT 2900421 Datasheet HTML 4Page - PHOENIX CONTACT 2900421 Datasheet HTML 5Page - PHOENIX CONTACT 2900421 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
May 6, 2011
Extract from the online
catalog
 
ELR H5-IES-SC- 24DC/500AC-9
Order No.: 2900421
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2900421
 
 
"4 in 1" hybrid motor starter for reversing 3~ AC motors up to 550
V AC, with 24 V DC input, 9 A output current, emergency stop
function, and adjustable overload shutdown.
 
Commercial data
GTIN (EAN)
4
046356
504676
sales group
G421
Pack
1 pcs.
Customs tariff
85364900
Catalog page information
Page 231 (NTK-2010)
Product notes
WEEE/RoHS-compliant since:
02/09/2010
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Input data
Rated control supply voltage US
24 V DC
Rated control supply voltage range with reference
to US
0.8 ... 1.25
Rated control supply current IS
40 mA


Similar Part No. - 2900421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900420 PHOENIX-2900420 Datasheet
189Kb / 6P
Illustration shows the 24 V design
2900422 PHOENIX-2900422 Datasheet
107Kb / 12P
Hybrid motor starter - ELR H5-IES-SC-230AC/500AC-9
More results

Similar Description - 2900421

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900414 PHOENIX-2900414 Datasheet
189Kb / 6P
ELR H5-IES-SC- 24DC/500AC-2
2900422 PHOENIX-2900422 Datasheet
107Kb / 12P
Hybrid motor starter - ELR H5-IES-SC-230AC/500AC-9
2900538 PHOENIX-2900538 Datasheet
90Kb / 5P
Hybrid motor starter - ELR H5-SC- 24DC/500AC-9
2900561 PHOENIX-2900561 Datasheet
173Kb / 6P
ELR H5-ES-SC- 24DC/500AC-9
2900576 PHOENIX-2900576 Datasheet
103Kb / 12P
Hybrid motor starter - ELR H5-I-SC- 24DC/500AC-9
2900578 PHOENIX-2900578 Datasheet
164Kb / 6P
ELR H5-I-SC-230AC/500AC-9
2900582 PHOENIX-2900582 Datasheet
114Kb / 7P
Hybrid motor starter - ELR H5-IES-SC- 24DC/500AC-0,6
2903118 PHOENIX-2903118 Datasheet
200Kb / 8P
Hybrid motor starter - ELR H5-IES-SC-SWD/500AC-9
2903906 PHOENIX-2903906 Datasheet
111Kb / 7P
Hybrid motor starter - ELR H5-IES-PT- 24DC/500AC-9
2906060 PHOENIX-2906060 Datasheet
71Kb / 5P
Hybrid motor starter - ELR H5-IES-PT-24DC/500AC-9-T
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com