Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2380 Datasheet(PDF) 2 Page - PLX Technology

Part # USB2380
Description  PCI Express to USB 2.0 Peripheral Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

USB2380 Datasheet(HTML) 2 Page - PLX Technology

  USB2380 Datasheet HTML 1Page - PLX Technology USB2380 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USB 2380, PCI Express to USB 2.0 Peripheral Controller
© PLX Technology, www.plxtech.com
Page 2 of 2
6/22/2012, Version 1.3
Standard PCI Express registers allow the existing Root
Complex to configure and send data to and from the USB
2380.
Figure 2: Adding a USB 2.0 client port to a PCI
Express based Printer with USB 2380
Firmware is available to configure the USB 2380 to
resemble a standard USB class device (like a printer or
mass storage device) for which no USB host drivers will
need to be written. For custom applications, firmware
APIs are provided to abstract the USB transactions to
reads and writes. This firmware is available for various
operating systems including Windows (XP, Vista, 7 and
CE), Linux, and VxWorks.
USB Duet Technology for Mobile PCs
The USB 2380 can be used to easily add a USB 2.0 client
port to a PCI Express based netbook architecture. The
hardware design is simple by connecting the PCI Express
signals to the PCI Express bus on the netbook chipset.
Adding a USB 2.0 client port to the netbook creates
innovative and killer applications for users, such as optical
disc drive sharing, instant file sharing, networking, and full
HDD/partition recovery, all over a simple USB cable
connection.
Figure 2: Adding a USB 2.0 client port to a PCI
Express based Netbook/Mobile PC with USB 2380
Software is already complete with Windows 7 Logo
certified and Linux drivers available for the USB Duet
file-sharing and networking functions. PLX provides a
turnkey hardware and software solution, which brings the
netbook with USB Duet Technology quick to market. For
more information on USB Duet Technology, visit
www.usbduet.com.
Development Tools
PLX offers hardware and software tools to enable rapid
customer design activity. These tools consist of a hardware
module (USB2380EVK), hardware documentation
(available at www.plxtech.com), and a Software
Development Kit.
The USB2380EVK is a x1 PCI Express adapter board that
easily plugs into any standard PCI Express slot.
Both USB host and peripheral-side software is included
with the USB2380EVK. The host-side software consists
of USB drivers and test applications. The peripheral-side
firmware is used to configure the USB 2380 to resemble a
standard USB class device (like a printer or mass storage
device) for which no USB host drivers will need to be
written. For custom applications, firmware APIs are
provided to abstract the USB transactions to reads and
writes. While this software is available for various
operating systems, it is written in standard C with
portability in mind.
Product Ordering Information
Part Number
Description
USB2380-AB25NI G
One x1-port PCI Express Gen 1.0
to USB 2.0 Hi-Speed Peripheral
Controller (10x10mm
2)
USB2380-AB EVK
USB 2380 Rapid Development
Kit
Visit www.plxtech.com for more information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com