Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW13NK80Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # STW13NK80Z
Description  N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESH Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW13NK80Z Datasheet(HTML) 2 Page - STMicroelectronics

  STW13NK80Z Datasheet HTML 1Page - STMicroelectronics STW13NK80Z Datasheet HTML 2Page - STMicroelectronics STW13NK80Z Datasheet HTML 3Page - STMicroelectronics STW13NK80Z Datasheet HTML 4Page - STMicroelectronics STW13NK80Z Datasheet HTML 5Page - STMicroelectronics STW13NK80Z Datasheet HTML 6Page - STMicroelectronics STW13NK80Z Datasheet HTML 7Page - STMicroelectronics STW13NK80Z Datasheet HTML 8Page - STMicroelectronics STW13NK80Z Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STW13NK80Z
2/9
ABSOLUTE MAXIMUM RATINGS
( ) Pulse width limited by safe operating area
(1) ISD ≤12A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
(*) Limited only by maximum temperature allowed
THERMAL DATA
AVALANCHE CHARACTERISTICS
GATE-SOURCE ZENER DIODE
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
800
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
800
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
12
A
ID
Drain Current (continuous) at TC = 100°C
7.6
A
IDM ( )
Drain Current (pulsed)
48
A
PTOT
Total Dissipation at TC = 25°C
230
W
Derating Factor
1.85
W/°C
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=1.5K
Ω)
6000
V
dv/dt (1)
Peak Diode Recovery voltage slope
4.5
V/ns
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
Rthj-case
Thermal Resistance Junction-case Max
0.54
°C/W
Rthj-amb
Tl
Thermal Resistance Junction-ambient Max
Maximum Lead Temperature For Soldering Purpose
50
300
°C/W
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
12
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID =IAR,VDD =50 V)
450
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=± 1mA (Open Drain)
30
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com