Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP15AC Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP15AC
Description  15W 4KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP15AC Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP15AC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP15AC Datasheet HTML 2Page - Toppower Electronic Technology Limited TP15AC Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP15AC series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
page 2 of 3
Case temperature shall not exceed the maximum case temperature
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Mini.
Typ.
Max.
Units
Isolation voltage
Tested for 1 min.
4000
VAC
Operating Temperature
According to the output load derating curve
-40
+70
Storage Temperature
-40
+85
Storage Humidity
10
95
% .RH max
SAFETY & ELECTROMAGNETIC COMPATIBILITY
Safe standard
UL1012,EN60950,EN60601,UL60950,UL60601
Isolated voltage
I/P-O/P:4000VAC
Isolation resistance
I/P-O/P>100M Ohms/500VDC 25
70% RH
Conduction and radiation
EN55011, EN55022 (CISPR22)
CLASS B
Electrostatic discharge( ESD)
IEC/EN 61000-4-2 level 4
8kV/15kV
Rf radiation immunity (RF)
IEC/EN 61000-4-3
EFT
IEC/EN 61000-4-4 level 4
4kV
( Note: see application circuit for details )
Surge
IEC/EN 61000-4-5 level 4
2kV
( Note: see application circuit for details )
MTBF
200K hrs min.
MIL-HDBK-217F(25)
NOTES
1.The above data, except for special instructions, are measured at TA = 25
℃, humidity <75%, input nominal voltage 230Vac and output rated load
2.Ripple and noise are measured according to the application circuit of this manual, using a 300mm twisted pair and in the case of a bandwidth of 20MHz
3.The parts in the system is considered as a component, need to combine the terminal equipment for electromagnetic compatibility related confirmation.
PRODUCT SCHEMATIC
DERATING CURVE
TYPICAL APPLICATION CIRCUIT
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com