Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3383L-20-AB3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UC3383L-20-AB3-R
Description  PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3383L-20-AB3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UC3383L-20-AB3-R Datasheet HTML 1Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 2Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 3Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 4Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 5Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 6Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 7Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 8Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
UC3383
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
3 of 14
www.unisonic.com.tw
QW-R502-032.L
ABSOLU T E M AX I M U M RAT I N GS (TA=25°
С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VOUT Input Voltage
VOUT
12
V
Lx pin Voltage
VLx
12
V
CE Input Voltage
VCE
12
V
VDD Input Voltage
VDD
12
V
Lx pin Current
ILX
400
mA
SOT-89
500
mW
Power Dissipation
SOT-25
PD
250
mW
Operating Junction Temperature
TJ
+125
°C
Ambient Operating Temperature
TOPR
-30 ~ +80
°C
Storage Temperature
TSTG
-40 ~ +125
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECT RI CAL CH ARACT RI ST I CS(TA=25°
С, VIN=VOUT× 0.6, unless otherwise specified)
UTC UC3383-2.0V
(IOUT=10mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
L, SD, CL etc. connected
1.950
2.000
2.050
V
Maximum Input Voltage
VIN
10
V
Oscillation Start-up Voltage
VST
IOUT=1mA
0.80
0.90
V
Oscillation Hold Voltage
VHLD
IOUT=1mA
0.70
V
Lx Limit Voltage
VLxLMT
Same as IDD1. FOSC>FOSC1×2
0.7
1.1
V
No-Load Input Current
IIN
IOUT=0mA (Note 1)
4.3
8.6
μA
Supply Current 1(Note 2)
IDD1
VIN=VOUT×0.95
13.6
27.3
μA
Supply Current 2
IDD2
VIN=VOUT+0.5V
1.9
3.9
μA
Lx Leakage Current
ILXL
No external components,
VOUT=VLx=10V.
1.0
μA
Lx Switch-On Resistance
RSWON
Same as IDD1. VLx=0.4V
9.1
13.7
Ω
Duty Ratio 1
DTY1
Same as IDD1. Measuring of Lx
waveform
70
75
80
%
Duty Ratio 2
DTY2
IOUT=1mA. Measuring of Lx on-time
50
55
60
%
Efficiency
EFFI
L, SD, CL etc. connected
70
%
FOSC1
Same as IDD1. 75% duty
100
120
130
kHz
Maximum Oscillation Frequency
FOSC2
Same as IDD1. 45% duty
150
180
210
kHz
FOR 5-PINS PACKAGE ONLY
High
VCEH
Same as IDD1.
Existence of Lx Oscillation.
0.75
V
CE Voltage
Low
VCEL
Same as IDD1.
Disappearance of Lx Oscillation
0.20
V
High
ICEH
Same as IDD1. VCE=VOUT×0.95
0.25
μA
CE ”High” Current
Low
ICEL
Same as IDD1. VCE=0V
-0.25
μA
Stand-by Current
ISTB
Same as IDD1.
0.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com