Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0128 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0128
Description  UM0128
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0128 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0128 Datasheet HTML 6Page - STMicroelectronics UM0128 Datasheet HTML 7Page - STMicroelectronics UM0128 Datasheet HTML 8Page - STMicroelectronics UM0128 Datasheet HTML 9Page - STMicroelectronics UM0128 Datasheet HTML 10Page - STMicroelectronics UM0128 Datasheet HTML 11Page - STMicroelectronics UM0128 Datasheet HTML 12Page - STMicroelectronics UM0128 Datasheet HTML 13Page - STMicroelectronics UM0128 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
UM0128 - USER MANUAL
10/21
6 - PANEL PAGE
The Panel Page is divided in two main parts, Setting and Calibration:
1
Setting:
Figure 6 : Setting
Table 2 : Setting
Function
Panel
Calibration:Configuratiors Block shows configuration bits used for changing oper-
ating modes.
TSTD: Test mode and OTP write disable:
TSTD=0:testing and continuous precharge of OTP when in read mode,
TSTD=1:normal operation and no more writes to OTP
MDIV: Measurement frequency range selection:
MDIV=0:4.000MHz-4.194MHz,
MDIV=1:8.000MHz-8.192MHz
RC: Type of internal oscillator selection:
RC=0:crystal oscillator,
RC=1:RC oscillator
FRS: Base frequency out of band influence to power calculation:
FRS=0:if BFR then power=i*0,
FRS=1:if BFR then power=i*u
MSBF: Bit sequence output during record data reading selection:
MSBF=0:msb first,
MSBF=1:lsb first
FUND: Type0 active energy selection:
FUND=0:type0 is total,
FUND=1:type0 is fundamental
ABS: Power accumulation type selection:
ABS=0:signed accumulation,
ABS=1:absolute accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com