Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCBC050-2B Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # GCBC050-2B
Description  Current sensor for PW Board mounting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

GCBC050-2B Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  GCBC050-2B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. GCBC050-2B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. GCBC050-2B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. GCBC050-2B Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. GCBC050-2B Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. GCBC050-2B Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. GCBC050-2B Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. GCBC050-2B Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. GCBC050-2B Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Product Name
Current Sensor
Part No.
GCBC050-2B
Attention: Modifications on specification, size, etc., may be carried out for improvement without notice.
Rev1.5 e EC
28 March. 2017
Page:2/16
ALPS ELECTRIC CO., LTD.
Table of contents
1.
Introduction ................................................................................................................................... 3
2.
Features and Advantages ............................................................................................................ 3
3.
Principle ......................................................................................................................................... 3
4.
Applications ................................................................................................................................... 3
5.
Block Diagram and Typical Application...................................................................................... 4
5.1.
Block Diagram .......................................................................................................................... 4
5.2.
Typical Application ................................................................................................................... 4
6.
Dimensions and Terminal Designation....................................................................................... 7
7.
Operating Characteristics ............................................................................................................ 8
7.1.
Absolute Maximum Ratings ..................................................................................................... 8
7.2.
Operating Condition ................................................................................................................. 8
7.3.
Recommended Operating Condition........................................................................................ 8
7.4.
Electrical Characteristics (No Load, Vdd=5.0V, Ta=25°C) ...................................................... 8
7.5.
Electrical Characteristics (RL=10k
Ω, Vdd=5.0V, Ta=25°C)..................................................... 9
7.6.
Start-up timing........................................................................................................................ 10
7.6.1.
Start-up ........................................................................................................................... 10
7.6.2.
Low voltage detection ..................................................................................................... 10
7.7.
Influence from the ambient magnetic field ............................................................................. 11
8.
Characteristic Definitions........................................................................................................... 12
9.
Characteristic Data...................................................................................................................... 14
10.
Recommended Soldering Conditions ................................................................................... 15
10.1.
Manual Soldering ............................................................................................................... 15
10.2.
Flow Soldering.................................................................................................................... 15
11.
Referential Land Pattern ......................................................................................................... 15
12.
Extras ........................................................................................................................................ 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com