Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR8PM14L Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BCR8PM14L
Description  isc Triacs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BCR8PM14L Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BCR8PM14L Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Triacs
BCR8PM14L
FEATURES
·
With TO-220F package
·
Glass passivated triacs in a plastic envelope, for use in
Applications requiring high bidirectional transient and
blocking voltage capability and high thermal cycling
performance.Typical applications include motor
control, industrial and
domestic lighting,heating
and static switching.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
700
V
VRRM
Repetitive peak off-state voltage
700
V
IT(RMS)
RMS on-state current (full sine wave)
8
A
ITSM
Non-repetitive peak on-state current
tp=20ms
80
A
PGM
Peak gate power dissipation
5
W
PG(AV)
Average gate power dissipation
1
W
Tj
Operating junction temperature
150
℃
Tstg
Storage temperature
-40~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=150℃
5
2
µA
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=150℃
5
2
µA
mA
IGT
Gate trigger current
Ⅰ
VD=12V; IT= 0.1A
30
mA
Ⅱ
30
Ⅲ
30
VTM
On-state voltage
IT= 11A
1.4
V
IH
Holding current
IGT= 0.1A
30
mA
VGT
Gate trigger voltage
VD=12V; IT= 0.1A
1.3
V


Similar Part No. - BCR8PM14L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR8PM MITSUBISHI-BCR8PM Datasheet
93Kb / 5P
MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR8PM POWEREX-BCR8PM Datasheet
83Kb / 6P
Triac 8 Amperes/400-600 Volts
BCR8PM-12 POWEREX-BCR8PM-12 Datasheet
83Kb / 6P
Triac 8 Amperes/400-600 Volts
logo
Apollo Electron Co., Lt...
BCR8PM-12 APOLLOELECTRON-BCR8PM-12 Datasheet
3Mb / 6P
Standard Triac
BCR8PM-12 APOLLOELECTRON-BCR8PM-12 Datasheet
2Mb / 6P
Standard Triac
More results

Similar Description - BCR8PM14L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com