Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB242 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FSUSB242
Description  Type-C USB Port Protection Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB242 Datasheet(HTML) 1 Page - ON Semiconductor

  FSUSB242 Datasheet HTML 1Page - ON Semiconductor FSUSB242 Datasheet HTML 2Page - ON Semiconductor FSUSB242 Datasheet HTML 3Page - ON Semiconductor FSUSB242 Datasheet HTML 4Page - ON Semiconductor FSUSB242 Datasheet HTML 5Page - ON Semiconductor FSUSB242 Datasheet HTML 6Page - ON Semiconductor FSUSB242 Datasheet HTML 7Page - ON Semiconductor FSUSB242 Datasheet HTML 8Page - ON Semiconductor FSUSB242 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2017
September, 2018 − Rev. 1
1
Publication Order Number:
FSUSB242/D
FSUSB242
FSUSB242 Type-C USB Port
Protection Switch
Features
Fully USB Data Port Protection
VDD 0 V− 5.5 V (12 V DC tolerant)
−18 V to +20 V DC Tolerance on HSD± Port
±25 V IEC 64000−4−5 Surge Protection w/o External TVS
VDD Operating Range, 2.7 V−5.5 V
HSD RON: 5 W Typical
CON = 5 pF Typical
Wide −3 dB Bandwidth: > 720 MHz
Low Power Operation: ICC < 10 mA (Typical)
Over Voltage Protection: 3.6 V & 4.5 V
Typical Applications
Smartphones
Tablets
Laptops
Safety Mechanisms Highlight
3.6 V & 4.5 V OVP Trip Point
±25 V Surge Protection without Need for External TVS
Figure 1. Application Schematic
OVP
HSD2+
HSD2−
HSD+
HSD−
GND
FSUSB242
USB HSD Switch
HSD1+
HSD1−
PMIC
AP/MCU
USB Type−C
Connector
VSYS
SEL
Control & Logic
www.onsemi.com
See detailed ordering and shipping information on page 11 of
this data sheet.
ORDERING INFORMATION
WLCSP9 1.20
y 1.20
CASE 567UL
MARKING DIAGRAM
MT&K
XYZ
PIN CONNECTION
TOP Through View
12
3
A
B
C
VDD
HSD−
HSD+
GND
SEL
HSD1+
HSD2−
HSD2+
HSD1−
MT = Specific Device Code
&K = 2 Digit Lot Run Code
X
= Year
Y
= 2 Week Data Code
Z
= Plant Code
A1


Similar Part No. - FSUSB242

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSUSB242 ONSEMI-FSUSB242 Datasheet
509Kb / 12P
FSUSB242 Type-C USB Port Protection Switch
June, 2022 - Rev. 0
FSUSB242UCX-Z002 ONSEMI-FSUSB242UCX-Z002 Datasheet
509Kb / 12P
FSUSB242 Type-C USB Port Protection Switch
June, 2022 - Rev. 0
More results

Similar Description - FSUSB242

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
logo
Will Semiconductor Ltd.
WS3225C WILLSEMI-WS3225C Datasheet
773Kb / 14P
USB TYPE-C Port Protection Switch With Short-to-VBUS Overvoltage and IEC ESD Protection
logo
STMicroelectronics
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
2Mb / 25P
USB type-C port protection
06-Sep-2019
logo
Maxim Integrated Produc...
MAX20463A MAXIM-MAX20463A Datasheet
125Kb / 2P
Automotive USB Type-A to Type-C Port Converter with Protection
6????0
logo
ON Semiconductor
FSUSB242UCX-Z002 ONSEMI-FSUSB242UCX-Z002 Datasheet
509Kb / 12P
FSUSB242 Type-C USB Port Protection Switch
June, 2022 - Rev. 0
logo
Rohm
BD91N01NUX ROHM-BD91N01NUX Datasheet
1Mb / 21P
USB Type-C Sink Port Detection and Protection IC
07.Jun.2019 Rev.001
logo
ON Semiconductor
FSA4486 ONSEMI-FSA4486 Datasheet
526Kb / 29P
USB Type-C Analog Audio Switch with Protection Function
March, 2023 - Rev. 2
logo
Silicon Mitus, Inc.
SM5360 SILICONMITUS-SM5360 Datasheet
231Kb / 2P
USB Type-C VBUS Combo Switch with Protection
July 2021- Rev. 1.0.1
SM5362 SILICONMITUS-SM5362 Datasheet
218Kb / 2P
USB Type-C High Voltage Load Switch with Protection
July 2021- Rev. 0.0.2
SM5514B SILICONMITUS-SM5514B Datasheet
626Kb / 2P
USB Type-C Port Protection IC with 2:1 MUX High-Speed Switch
March 2019 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com