Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS15H100CB Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STPS15H100CB
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STPS15H100CB Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STPS15H100CB Datasheet HTML 1Page - Inchange Semiconductor Company Limited STPS15H100CB Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Schottky Rectifier
STPS15H100CB
FEATURES
·
Plastic material used carriers Underwriter Laboratory
·
Metal silicon junction, majority carrier conduction
·
Low Power Loss,high Efficiency
·
Guard ring for overvoltage protection
·
High Surge Capability,High Current Capability
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
For use in low voltage,high frequency inverters,free wheeling
and polarity protection applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
100
V
IF(RMS)
RMS Forward current
10
A
IF(AV)
Average Rectified Forward
Current Tc=135℃;δ=0.5
per diode
Total package
7.5
15
A
IFSM
Nonrepetitive Peak Surge Current
8.3ms single half sine-wave superimposed
on rated load conditions
tp=10 ms sinusoidal
75
A
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~175
℃
dv/dt
Voltage Rate of Change (Rated VR)
10000
V/μs


Similar Part No. - STPS15H100CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS15H100CB STMICROELECTRONICS-STPS15H100CB Datasheet
66Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS15H100CB STMICROELECTRONICS-STPS15H100CB Datasheet
127Kb / 8P
High voltage power Schottky rectifier
08-Jun-2006
STPS15H100CB STMICROELECTRONICS-STPS15H100CB Datasheet
211Kb / 8P
High voltage power Schottky rectifier
18-Dec-2015
STPS15H100CB-TR STMICROELECTRONICS-STPS15H100CB-TR Datasheet
66Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS15H100CB-TR STMICROELECTRONICS-STPS15H100CB-TR Datasheet
127Kb / 8P
High voltage power Schottky rectifier
08-Jun-2006
More results

Similar Description - STPS15H100CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com