Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLP34RGB Datasheet(PDF) 2 Page - Rohm

Part # SMLP34RGB
Description  The smallest class 3 color type LED in the world PICOLEDTM-RGB
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP34RGB Datasheet(HTML) 2 Page - Rohm

  SMLP34RGB Datasheet HTML 1Page - Rohm SMLP34RGB Datasheet HTML 2Page - Rohm SMLP34RGB Datasheet HTML 3Page - Rohm SMLP34RGB Datasheet HTML 4Page - Rohm SMLP34RGB Datasheet HTML 5Page - Rohm SMLP34RGB Datasheet HTML 6Page - Rohm SMLP34RGB Datasheet HTML 7Page - Rohm SMLP34RGB Datasheet HTML 8Page - Rohm SMLP34RGB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
    
[Data Sheet]
■Electrical Characteristics Curves
Fig.1 Forward Current
Fig.2 Luminous Intensity -
- Forward Voltages
     Atmosphere Temperature
Fig.3 Luminous Intensity - Forward Current
Fig.4 Derating
[SMLP34RGB series]
Reference
0
5
10
15
-40
-20
0
20
40
60
80
100
0
0.5
1
1.5
2
0
2
4
6
8
10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100
1
10
100
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
Ta=25ºC
FORWARD VOLTAGE : VF [V]
I
F=5mA
ATMOSPHERE TEMPERATURE : Ta [ºC]
Ta=25ºC
FORWARD CURRENT : IF [mA]
AMBIENT TEMPERATURE : Ta [ºC]
SMLP34RGB2W (R)
SMLP34RGB2W (G)
SMLP34RGB2W (B)
SMLP34RGB2W (R)
SMLP34RGB2W (G)
SMLP34RGB2W (B)
SMLP34RGB2W (R)
SMLP34RGB2W (G)
SMLP34RGB2W (B)
SMLP34RGB2W (R)
SMLP34RGB2W (G)
SMLP34RGB2W (B)
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
2/9
2017.11 - Rev.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com