Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G53 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC2G53
Description  Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G53_18 Datasheet HTML 1Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 2Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 3Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 4Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 5Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 6Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 7Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 8Page - Texas Instruments SN74LVC2G53_18 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
2
D
C
B
A
Not to scale
GND
A
GND
Y2
INH
Y1
COM
VCC
1
COM
8
VCC
2
INH
7
Y1
3
GND
6
Y2
4
GND
5
A
Not to scale
1
COM
8
VCC
2
INH
7
Y1
3
GND
6
Y2
4
GND
5
A
Not to scale
3
SN74LVC2G53
www.ti.com
SCES324P – JULY 2001 – REVISED OCTOBER 2016
Product Folder Links: SN74LVC2G53
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DCT Package
8-Pin SM8
Top View
DCU Package
8-Pin VSSOP
Top View
YZP Package
8-Pin DSBGA
Bottom View
See Mechanical, Packaging, and Orderable Information for dimensions.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SM8, VSSOP
DSBGA
A
5
D2
I
Controls the switch
COM
1
A1
I/O
Bidirectional signal to be switched
GND
3
C1
Ground pin
GND
4
D1
Ground pin
INH
2
B1
I
Enables or disables the switch
VCC
8
A2
Power pin
Y2
6
C2
I/O
Bidirectional signal to be switched
Y1
7
B2
I/O
Bidirectional signal to be switched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com