Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB301 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FUSB301
Description  Autonomous USB Type-C Controller with Super Speed Switch Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB301 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FUSB301 Datasheet HTML 6Page - ON Semiconductor FUSB301 Datasheet HTML 7Page - ON Semiconductor FUSB301 Datasheet HTML 8Page - ON Semiconductor FUSB301 Datasheet HTML 9Page - ON Semiconductor FUSB301 Datasheet HTML 10Page - ON Semiconductor FUSB301 Datasheet HTML 11Page - ON Semiconductor FUSB301 Datasheet HTML 12Page - ON Semiconductor FUSB301 Datasheet HTML 13Page - ON Semiconductor FUSB301 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FUSB301
www.onsemi.com
11
Table 13. INTERRUPT0 (continued)
Address: 13h
Reset Value: 0×XXXX_X000
Type: Write/Clear
Bit #
Description
Size (Bits)
Name
1
I_DETACH
1
1: Interrupt flagged when a device or accessory has been detached
0
I_ATTACH
1
1: Interrupt flagged when a device or accessory of type indicated in the
Type register has been attached
ON Semiconductor is licensed by the Philips Corporation to carry the I2C bus protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com