Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB301A Datasheet(PDF) 3 Page - ON Semiconductor

Part # FUSB301A
Description  Autonomous USB Type-C Controller with Configurable I2C Address
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB301A Datasheet(HTML) 3 Page - ON Semiconductor

  FUSB301A Datasheet HTML 1Page - ON Semiconductor FUSB301A Datasheet HTML 2Page - ON Semiconductor FUSB301A Datasheet HTML 3Page - ON Semiconductor FUSB301A Datasheet HTML 4Page - ON Semiconductor FUSB301A Datasheet HTML 5Page - ON Semiconductor FUSB301A Datasheet HTML 6Page - ON Semiconductor FUSB301A Datasheet HTML 7Page - ON Semiconductor FUSB301A Datasheet HTML 8Page - ON Semiconductor FUSB301A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FUSB301A
www.onsemi.com
3
PIN DESCRIPTIONS
Pin #
Name
Type
Description
USB Type−C Connector Interface
1, 2
CC1, CC2
I/O
Type−C Configuration Channel
4
VBUS
Input
VBUS input pin for attach and detach detection
10
GND
Ground
Ground
Power Interface
12
VDD
Power
Input Supply Voltage
Signal Interface
8
SCL
Input
I2C serial clock signal to be connected to the I2C master
7
SDA
Open−Drain
I/O
I2C serial data signal to be connected to the I2C master
6
INT_N
Open−Drain
Output
Active LOW open drain interrupt output used to prompt the processor
to read the I2C register bits
9
ID
Open−Drain
Output
Used to Identify if connected device is Source or Sink. The ID Pin
can be used to interface with USB 2.0 Input on the processor.
5
I2CADDR
Input
Used to change bit 3 of the I2C address so that multiple addresses
can be used in a system where two device addresses conflict
3
NC1
NC
No Connect − Tie to Ground or Float
11
NC2
NC
No Connect − Tie to Ground or Float
Dead Battery
If power is not applied to FUSB301A and it is attached to
a Source device, then the Source would pull up the CC line
connected through the cable. The FUSB301A in response
would turn on the pull−down that will bring the CC voltage
to a range that the Source can detect an attach and turn on
VBUS.
Power Up, Initialization and Reset, Interrupt Operation
When power is first applied, the FUSB301A will power
up in Sink mode with all interrupts masked. The local
processor must configure the FUSB301A to the desired
mode and clear the global interrupt mask bit, INT_MASK.
The INT_N pin is an active low, open drain output. This pin
indicates to the host processor that an interrupt has occurred
in the FUSB301A which needs attention. The INT_N pin is
in a high impedance state by default after power−up or
device reset, and the global interrupt mask (INT_MASK in
Control register) is set. After INT_MASK bit is cleared by
the local processor, the INT_N pin stays high impedance in
preparation of future interrupts. When an interruptible event
occurs, INT_N is driven LOW and is in a high impedance
state again when the processor clears the interrupt by reading
the interrupt registers. Subsequent to the initial power up or
reset; if the processor writes a “1” to global interrupt mask
bit when the system is already powered up, the INT_N pin
stays in a high impedance state and ignores all interrupts
until the global interrupt mask bit is cleared. If an event
happens that would ordinarily cause an interrupt when the
global interrupt mask bit is set, the INT_N pin goes LOW
when the global interrupt mask is cleared.
Table 1. ID PIN TRUTH TABLE
Type Register (h12, bit 4)
Description
ID
SINK = b0
SINK Not Detected
Hi−Z (default)
SINK = b1
SINK Detected
Low
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage from VDD
−0.5
6.0
V
VBUS
VBUS Supply Voltage
−0.5
28
V
VCC_HDDRP
CC pins when configured as Host, Device or Dual Role Port
−0.5
6.0
V
TSTORAGE
Storage Temperature Range
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com