| Electronic Components Datasheet Search |
|
FUSB302 Datasheet(PDF) 9 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
FUSB302 Datasheet(HTML) 9 Page - ON Semiconductor |
|
9 / 35 page ![]() © 2015 Semiconductor Components Industries, LLC. www.fairchildsemi.com FUSB302 • Rev. 2 9 www.onsemi.com Manual Dual-Role Detection and Configuration The Type-C specification allows ports to be both a device and a host depending on what type of port has attached. This functionality is similar to USB OTG ports with the current USB connectors and is called a dual- role port. The FUSB302 can be used to implement a dual-role port. A Type-C dual role port toggles between presenting as a Type-C device and a Type-C host. The host software controls the toggle time and configuration of the FUSB302 in each state as shown in Figure 11. Disabled: FUSB302 in low power mode looking for an attach Unattached.SNK: Host software enables FUSB302 pull-downs and measure block to detect attach FUSB302 I_TOGONE interrupt alerts host software that something has attached. Attached.SNK Host software uses FUSB302 comparators and DAC to determine attach orientation and port type FUSB302 I_VBUSOK interrupt alerts host software that an attach has occurred FUSB302 I_VBUSOK interrupt alerts host software that a detach has occurred Host software enables FUSB302 low power Disabled state Unattached.SRC: Host software enables FUSB302 pull-ups and measure block to detect attach Attached.SRC Host software configures FUSB302 based on insertion orientation and enables VBUS and VCONN Host software toggle expires Host software utilizes I_COMP and I_BC_LVL interrupts to determine an attach FUSB302 I_COMP interrupt alerts host software that a detach has occurred Figure 11. DRP Software Flow BMC Power Delivery The Type-C connector allows USB Power Delivery (PD) to be communicated over the connected CC pin between two ports. The communication method is the BMC Power Delivery protocol and is used for many different reasons with the Type-C connector. Possible uses are outlined below. Negotiating and controlling charging power levels Alternative Interfaces such as MHL, Display Port Vendor specific interfaces for use with custom docks or accessories Role swap for dual-role ports that want to switch who is the host or device Communication with USB3.1 full featured cables The FUSB302 integrates a thin BMC PD client which includes the BMC physical layer and packet FIFOs (48 bytes for transmit and 80 bytes for receive) which allows packets to be sent and received by the host software through I2C accesses. The FUSB302 allows host software to implement all features of USB BMC PD through writes and reads of the FIFO and control of the FUSB302 physical interface. The FUSB302 uses tokens to control the transmission of BMC PD packets. These tokens are written to the transmit FIFO and control how the packet is transmitted on the CC pin. The tokens are designed to be flexible and support all aspects of the USB PD specification. The FUSB302 additionally enables control of the BMC transmitter through tokens. The transmitter can be enabled or disabled by specific token writes which allow faster packet processing by burst writing the FIFO with all the information required to transmit a packet. The FUSB302 receiver stores the received data and the received CRC in the receive FIFO when a valid packet is received on the CC pin. The BMC receiver automatically enables the internal oscillator when activity is sensed on the CC pin and load the FIFO when a packet is received. The I_ACTIVITY and I_CRC_CHK interrupts alert the host software that a valid packet was received. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |